Electronic Components Datasheet Search |
|
TGA2618-SM Datasheet(PDF) 1 Page - TriQuint Semiconductor |
|
TGA2618-SM Datasheet(HTML) 1 Page - TriQuint Semiconductor |
1 / 11 page TGA2618-SM 16 - 18 GHz GaAs LNA Preliminary Datasheet: Rev - 09-09-14 - 1 of 11 - Disclaimer: Subject to change without notice © 2014 TriQuint www.triquint.com Applications Commercial and Military Radar Satellite Communications Functional Block Diagram General Description TriQuint’s TGA2618-SM is a packaged Ku-band Low Noise Ampli fier fabricated on TriQuint’s TQPHT15 0.15 μm GaAs pHEMT process. The TGA2618-SM operates from 16 to 18 GHz and typically provides 28 dB of small signal gain with 2.3 dB of noise figure. The TGA2618-SM is available in a low cost, 4x4 mm air-cavity ceramic QFN. It is ideally suited to support both radar and satellite communications as either an LNA or a general purpose gain block. Both RF ports have intergraded DC blocking caps and are fully matched to 50 ohms allowing for simple system integration. Lead-free and RoHS compliant Evaluation Boards are available upon request. Pad Configuration Pad No. Symbol 1, 2, 4, 6,7,12,13,15,17-19,24,25 Gnd 3 RFIN 5,8-11,14,21,22 N/C 16 RFOUT 20 VD 23 VG Ordering Information Part ECCN Description TGA2618-SM EAR99 16 - 18 GHz GaAs LNA Product Features Frequency Range: 16 - 18 GHz NF: 2.3 dB Small Signal Gain: 28 dB Return Loss: >10 dB Output P1dB: 6 dBm PSAT = 10 dBm at PIN = -13 dBm OTOI: 12 dBm (POUT = -2.5 dBm) Bias: VD = 3 V, IDQ = 30 mA, VG = -0.6 V Package Dimensions: 4.0 x 4.0 x 1.5 mm 1 2 3 4 5 6 18 17 16 15 14 13 7 8 9 10 11 12 24 23 22 21 20 19 25 |
Similar Part No. - TGA2618-SM |
|
Similar Description - TGA2618-SM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |