Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRSF3021 Datasheet(PDF) 3 Page - International Rectifier

Part # IRSF3021
Description  FULLY PROTECTED POWER MOSFET SWITCH(Vds(50V), Rds(on)=200mohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSF3021 Datasheet(HTML) 3 Page - International Rectifier

  IRSF3021 Datasheet HTML 1Page - International Rectifier IRSF3021 Datasheet HTML 2Page - International Rectifier IRSF3021 Datasheet HTML 3Page - International Rectifier IRSF3021 Datasheet HTML 4Page - International Rectifier IRSF3021 Datasheet HTML 5Page - International Rectifier IRSF3021 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IRSF3021
Minimum Typical Maximum Units Test Conditions
Ids(sd)
Current Limit
3.0
5.5
8.0
A
Vin = 5V, VDS = 14V
Tj(sd)
Over Temperature Shutdown Threshold
155
165
—
°C
Vin = 5V, Ids = 2A
Vprotect
Min. Input Voltage for Over-temp function
—
3
—
V
tIresp
Current Limit Response Time
—
TBD
—
µs
Ipeak
Peak Short Circuit Current
—
10
—
A
tTresp
Over-Temperature Response Time
—
TBD
—
µs
Protection Characteristics
(TC= 25 °C unless otherwise specified. Min/Max specifications are for TC= -40°C to TC = +125°C unless otherwise
specified.)
Notes:
x When mounted on a 1" square PCB (FR-4 or G10 material). For recommended footprint and soldering techniques, refer
to International Rectifier Application Note AN-994.
y E
AS is tested with a constant current source of 6A applied for 700µS with Vin = 0V and starting Tj = 25°C.
z Input current must be limited to less than 5mA with a 1k
Ω resistor in series with the input when the Body-Drain Diode
is forward biased.
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - IRSF3021

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSF3010 IRF-IRSF3010 Datasheet
483Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=80mohm)
IRSF3011 IRF-IRSF3011 Datasheet
536Kb / 12P
   FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=200mohm)
IRSF3011LTR IRF-IRSF3011LTR Datasheet
293Kb / 13P
   FULLY PROTECTED POWER MOSFET SWITCH
IRSF3031 IRF-IRSF3031 Datasheet
349Kb / 5P
   FULLY PROTECTED DMOS POWER SWITCH(Vds=50V, Rds(on)=200mohm)
More results

Similar Description - IRSF3021

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSF3011 IRF-IRSF3011 Datasheet
536Kb / 12P
   FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=200mohm)
IRSF3031 IRF-IRSF3031 Datasheet
349Kb / 5P
   FULLY PROTECTED DMOS POWER SWITCH(Vds=50V, Rds(on)=200mohm)
IRSF3010 IRF-IRSF3010 Datasheet
483Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=80mohm)
IPS031R IRF-IPS031R Datasheet
157Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS031 IRF-IPS031 Datasheet
135Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
IRSF3011LTR IRF-IRSF3011LTR Datasheet
293Kb / 13P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS0551T IRF-IPS0551T Datasheet
106Kb / 10P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS021 IRF-IPS021 Datasheet
142Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS0151 IRF-IPS0151 Datasheet
163Kb / 12P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS041L IRF-IPS041L Datasheet
109Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com