Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2621 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGA2621
Description  16 to 18 GHz 1 W GaAs Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2621 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGA2621 Datasheet HTML 5Page - TriQuint Semiconductor TGA2621 Datasheet HTML 6Page - TriQuint Semiconductor TGA2621 Datasheet HTML 7Page - TriQuint Semiconductor TGA2621 Datasheet HTML 8Page - TriQuint Semiconductor TGA2621 Datasheet HTML 9Page - TriQuint Semiconductor TGA2621 Datasheet HTML 10Page - TriQuint Semiconductor TGA2621 Datasheet HTML 11Page - TriQuint Semiconductor TGA2621 Datasheet HTML 12Page - TriQuint Semiconductor TGA2621 Datasheet HTML 13Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TGA2621
16 - 18 GHz 1 W GaAs Power Amplifier
Preliminary Datasheet: Rev - 12-30-14
- 10 of 13 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Assembly Drawing
Bill of Material
Reference Des.
Value
Description
Manuf.
Part Number
C1, C2, C3
1 nF
Capacitor, 50 V, SLC
Various
C4
0.01 µF
Capacitor, 0402, 50 V, MLCC
Various
C5
10
μF
Capacitor, 0805, 50 V, MLCC
Various
C6
10 μF
Capacitor, 0805, 25 V, MLCC
Various
R1, R2
5.1 Ohms
Resistor, 0402, SMD
Various
C1
1 nF
C3
1 nF
C4
0.01 µF
VD
VG
RF OUT
RF IN
C2
1 nF
R2
5.1 Ohms
C5
10 µF
R1
5.1 Ohms
C6
10 µF


Similar Part No. - TGA2621

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2621-SM TRIQUINT-TGA2621-SM Datasheet
663Kb / 13P
   16 to 18.5 GHz 1 W GaAs Power Amplifier
logo
Qorvo, Inc
TGA2621-SM QORVO-TGA2621-SM Datasheet
608Kb / 13P
   16??8.5 GHz 1 W GaAs Power Amplifier
logo
TriQuint Semiconductor
TGA2621-SM TRIQUINT-TGA2621-SM_15 Datasheet
663Kb / 13P
   16 to 18.5 GHz 1 W GaAs Power Amplifier
More results

Similar Description - TGA2621

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2621-SM TRIQUINT-TGA2621-SM_15 Datasheet
663Kb / 13P
   16 to 18.5 GHz 1 W GaAs Power Amplifier
logo
Qorvo, Inc
TGA2621-SM QORVO-TGA2621-SM Datasheet
608Kb / 13P
   16??8.5 GHz 1 W GaAs Power Amplifier
logo
Analog Devices
ADPA7006CHIP AD-ADPA7006CHIP Datasheet
460Kb / 24P
   18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6408 AVAGO-AMMP-6408_15 Datasheet
376Kb / 10P
   6 to 18 GHz 1 W Power Amplifier
logo
Tyco Electronics
MAAPGM0080-DIE MACOM-MAAPGM0080-DIE Datasheet
331Kb / 7P
   Amplifier, Power, 1 W 2-18 GHz
MAAP-000080-DIE000 MACOM-MAAP-000080-DIE000 Datasheet
330Kb / 7P
   Amplifier, Power, 1 W 2-18 GHz
logo
Analog Devices
ADPA7005CHIP AD-ADPA7005CHIP Datasheet
517Kb / 23P
   GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
ADPA7005-EVALZ AD-ADPA7005-EVALZ Datasheet
287Kb / 6P
   Evaluating the ADPA7005 18 GHz to 44 GHz, GaAs, pHEMT, 32 dBm (>1 W), MMIC Power Amplifier
Rev. A
logo
TriQuint Semiconductor
TGA2618-SM TRIQUINT-TGA2618-SM_15 Datasheet
636Kb / 11P
   16 to 18 GHz GaAs LNA
TGA2618 TRIQUINT-TGA2618_15 Datasheet
348Kb / 11P
   16 to 18 GHz GaAs LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com