Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2621-SM Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGA2621-SM
Description  16 to 18.5 GHz 1 W GaAs Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2621-SM Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TGA2621-SM Datasheet HTML 2Page - TriQuint Semiconductor TGA2621-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA2621-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA2621-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA2621-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA2621-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA2621-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA2621-SM Datasheet HTML 9Page - TriQuint Semiconductor TGA2621-SM Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TGA2621-SM
16
– 18.5 GHz 1 W GaAs Power Amplifier
Preliminary Datasheet: Rev - 11-07-14
- 6 of 13 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance: Large Signal
15
18
21
24
27
30
-10
-8
-6
-4
-2
0
2
4
6
8
10
Input Power (dBm)
Power Gain vs. Input Power vs. Frequency
16 GHz
17 GHz
18 GHz
Temp = 25 °C
V
D = 6 V, IDQ = 500 mA
0
3
6
9
12
15
18
21
24
27
30
33
36
-10
-8
-6
-4
-2
0
2
4
6
8
10
Input Power (dBm)
PAE vs. Input Power vs. Frequency
16 GHz
17 GHz
18 GHz
Temp = 25 °C
V
D = 6 V, IDQ = 500 mA
15
18
21
24
27
30
-10
-8
-6
-4
-2
0
2
4
6
8
10
Input Power (dBm)
Power Gain vs. Input Power vs. V
D
5.0 V
5.5 V
6.0 V
Temp = 25 °C
I
DQ = 500 mA
Freq. = 17 GHz
0
3
6
9
12
15
18
21
24
27
30
33
36
-10
-8
-6
-4
-2
0
2
4
6
8
10
Input Power (dBm)
PAE vs. Input Power vs. V
D
5.0 V
5.5 V
6.0 V
Temp = 25 °C
I
DQ = 500 mA
Freq = 17 GHz
15
18
21
24
27
30
33
-10
-8
-6
-4
-2
0
2
4
6
8
10
Input Power (dBm)
Power Gain vs. Input Power vs. Temp.
25 °C
85 °C
Freq = 17 GHz
V
D = 6 V, IDQ = 500 mA
-50 °C
0
3
6
9
12
15
18
21
24
27
30
33
36
-10
-8
-6
-4
-2
0
2
4
6
8
10
Input Power (dBm)
PAE vs. Input Power vs. Temperature
Freq = 17 GHz
-40 °C
25 °C
85 °C
V
D = 6 V, IDQ = 500 mA


Similar Part No. - TGA2621-SM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2621-SM QORVO-TGA2621-SM Datasheet
608Kb / 13P
   16??8.5 GHz 1 W GaAs Power Amplifier
More results

Similar Description - TGA2621-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2621 TRIQUINT-TGA2621_15 Datasheet
474Kb / 13P
   16 to 18 GHz 1 W GaAs Power Amplifier
logo
Qorvo, Inc
TGA2621-SM QORVO-TGA2621-SM Datasheet
608Kb / 13P
   16??8.5 GHz 1 W GaAs Power Amplifier
logo
Analog Devices
ADPA7005CHIP AD-ADPA7005CHIP Datasheet
517Kb / 23P
   GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
ADPA7006CHIP AD-ADPA7006CHIP Datasheet
460Kb / 24P
   18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
ADPA7008 AD-ADPA7008 Datasheet
2Mb / 28P
   20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
Rev. 0
ADPA7007 AD-ADPA7007 Datasheet
589Kb / 23P
   20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
ADPA7008CHIP AD-ADPA7008CHIP Datasheet
403Kb / 26P
   20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
logo
Texas Instruments
TRF1223 TI-TRF1223 Datasheet
198Kb / 10P
[Old version datasheet]   3.3-GHz TO 3.8-GHZ 1-W Power Amplifier
TRF1123 TI-TRF1123_07 Datasheet
375Kb / 13P
[Old version datasheet]   2.1-GHz to 2.7-GHz 1-W Power Amplifier
TRF1223 TI-TRF1223_07 Datasheet
324Kb / 13P
[Old version datasheet]   3.3-GHz To 3.8-GHz 1-W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com