Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2623-CP Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGA2623-CP
Description  10 to 11 GHz 32 W GaN Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2623-CP Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGA2623-CP_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA2623-CP_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA2623-CP_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2623-CP_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2623-CP_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2623-CP_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2623-CP_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2623-CP_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2623-CP_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TGA2623-CP
10
– 11 GHz 32 W GaN Power Amplifier
Preliminary Datasheet: Rev - 11-03-14
- 5 of 15 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance: Large Signal (Pulsed Operation)
23
24
25
26
27
28
29
30
9.5
10
10.5
11
11.5
Frequency (GHz)
Power Gain vs. Frequency vs. V
D
Vd=25V
Vd=28V
Vd=30V
P
IN = 18dBm
Temp. = +25 C
I
DQ = 290mA
Pulsed: PW=100us, DC=10%
23
24
25
26
27
28
29
30
9.5
10
10.5
11
11.5
Frequency (GHz)
Power Gain vs. Frequency vs. Temp.
-40C
+25C
+85C
P
IN = 18dBm
V
D = 28V, IDQ = 290mA
Pulsed: PW=100us, DC=10%
29
32
35
38
41
44
47
50
9.5
10
10.5
11
11.5
Frequency (GHz)
PAE vs. Frequency vs. Temperature
-40C
+25C
+85C
P
IN = 18dBm
V
D = 28V, IDQ = 290mA
Pulsed: PW=100us, DC=10%
29
32
35
38
41
44
47
50
9.5
10
10.5
11
11.5
Frequency (GHz)
PAE vs. Frequency vs. V
D
Vd=25V
Vd=28V
Vd=30V
P
IN = 18dBm
Temp. = +25 C
I
DQ = 290mA
Pulsed: PW=100us, DC=10%
15
20
25
30
35
40
45
50
2
4
6
8
10
12
14
16
18
20
Input Power (dBm)
PAE vs. Input Power vs. Temperature
-40C
+25C
+85C
V
D = 28V, IDQ = 290mA
Pulsed: PW=100us, DC=10%
Freq. = 10.5GHz
24
26
28
30
32
34
36
38
40
2
4
6
8
10
12
14
16
18
20
Input Power (dBm)
Power Gain vs. Input Power vs. Temp.
-40C
+25C
+85C
V
D = 28V, IDQ = 290mA
Pulsed: PW=100us, DC=10%
Freq. = 10.5GHz


Similar Part No. - TGA2623-CP_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2623-CPEVB QORVO-TGA2623-CPEVB Datasheet
770Kb / 16P
   10 ??11 GHz 32 W GaN Power Amplifier
More results

Similar Description - TGA2623-CP_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2623-CP QORVO-TGA2623-CP Datasheet
770Kb / 16P
   10 ??11 GHz 32 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2625-CP TRIQUINT-TGA2625-CP_15 Datasheet
578Kb / 15P
   10 to 11 GHz, 17 W GaN Power Amplifier
logo
Qorvo, Inc
QPA1022D QORVO-QPA1022D Datasheet
712Kb / 17P
   8.5 ??11 GHz 4 W GaN Power Amplifier
TGA2238-CP QORVO-TGA2238-CP Datasheet
572Kb / 14P
   8 ??11 GHz 50 W GaN Power Amplifier
TGA2238 QORVO-TGA2238 Datasheet
756Kb / 12P
   8 ??11 GHz 60 W GaN Power Amplifier
QPA1022 QORVO-QPA1022 Datasheet
1Mb / 17P
   8.5 ??11 GHz 4 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2622-CP TRIQUINT-TGA2622-CP_15 Datasheet
611Kb / 15P
   9 to 10 GHz 35 W GaN Power Amplifier
logo
Qorvo, Inc
TGA2583-SM QORVO-TGA2583-SM Datasheet
798Kb / 13P
   2.7 to 3.7 GHz, 10 W GaN Power Amplifier
April 2020
logo
TriQuint Semiconductor
TGA2624-CP TRIQUINT-TGA2624-CP_15 Datasheet
495Kb / 15P
   9 to 10 GHz, 16 W GaN Power Amplifier
TGA2976-SM TRIQUINT-TGA2976-SM Datasheet
794Kb / 18P
   0.1 ??3.0 GHz 10 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com