Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STT3922N Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3922N
Description  N-Channel Enhancement Mode Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3922N Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  STT3922N_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3922N_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STT3922N
4.1A, 20V, RDS(ON) 47mΩ
N-Channel Enhancement Mode Power MOSFET
Elektronische Bauelemente
22-Jun-2012 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
Gate-Threshold Voltage
VGS(th)
0.4
-
-
V
VDS=VGS, ID=250µA
Gate-Body Leakage
IGSS
-
-
1
µA
VDS=0, VGS=8V
Zero Gate Voltage Drain Current
IDSS
-
-
0.1
µA
VDS=16V, VGS=0
-
-
1
VDS=16V, VGS=0, TJ= 55°C
On-State Drain Current
1
ID(on)
30
-
-
A
VDS =5V, VGS=4.5V
Drain-Source On-Resistance
1
RDS(ON)
-
-
47
m
VGS=4.5V, ID=4.1A
-
-
55
VGS=2.5V, ID=3.8A
Forward Transconductance
1
gfs
-
10
-
S
VDS=10V, ID=4.1A
Diode Forward Voltage
VSD
-
0.8
-
V
IS=1.05A, VGS=0
Dynamic
2
Total Gate Charge
Qg
-
7.5
-
nC
VDS=10V,
VGS=4.5V,
ID=4.1A
Gate-Source Charge
Qgs
-
0.6
-
Gate-Drain Charge
Qgd
-
1
-
Turn-on Delay Time
Td(on)
-
5
-
nS
VDD=10V,
VGS=4.5V,
ID=1A,
RGNE=15
Rise Time
Tr
-
12
-
Turn-off Delay Time
Td(off)
-
13
-
Fall Time
Tf
-
7
-
Notes:
1.
Pulse test:PW ≦ 300 us duty cycle ≦ 2%.
2.
Guaranteed by design, not subject to production testing.


Similar Part No. - STT3922N_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STT3922N SECOS-STT3922N Datasheet
105Kb / 2P
   N-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
STT3922N VBSEMI-STT3922N Datasheet
520Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
More results

Similar Description - STT3922N_15

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com