Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2624-CP Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA2624-CP
Description  9 to 10 GHz, 16 W GaN Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2624-CP Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA2624-CP Datasheet HTML 1Page - TriQuint Semiconductor TGA2624-CP Datasheet HTML 2Page - TriQuint Semiconductor TGA2624-CP Datasheet HTML 3Page - TriQuint Semiconductor TGA2624-CP Datasheet HTML 4Page - TriQuint Semiconductor TGA2624-CP Datasheet HTML 5Page - TriQuint Semiconductor TGA2624-CP Datasheet HTML 6Page - TriQuint Semiconductor TGA2624-CP Datasheet HTML 7Page - TriQuint Semiconductor TGA2624-CP Datasheet HTML 8Page - TriQuint Semiconductor TGA2624-CP Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TGA2624-CP
9 to 10 GHz, 16 W GaN Power Amplifier
Preliminary Datasheet: 11-03-14
- 3 of 15 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Thermal and Reliability Information
Parameter
Test Conditions
Value
Units
Thermal Resistance (
θJC) (1)
CW, VD = 28 V, IDQ = 365 mA,
TBASE = 85°C, Freq = 9.5 GHz, PIN = 15 dBm,
POUT = 42.2 dBm PDISS =26 W, ID_Drive = 1.49 A
3.4
°C/W
Channel Temperature (TCH) (under RF drive)
174
°C
Median Lifetime (TM)
1.4E+8
Hrs
Thermal Resistance (
θJC) (1)
VD = 28 V, IDQ = 365 mA,
(Pulsed: PW = 100 µs, DC = 10 %),
TBASE = 85°C, Freq = 9.5 GHz, PIN = 15 dBm,
POUT = 42.7 dBm, PDISS =27 W, ID_Drive = 1.64 A
2.24
°C/W
Channel Temperature (TCH) (under RF drive)
147
°C
Median Lifetime (TM)
2.5E+10
Hrs
Notes:
1.
Thermal resistance measured to back of package.
Test Conditions: VD = 40 V; Failure Criteria = 10% reduction in ID_MAX
20
22
24
26
28
30
32
8.5
9.0
9.5
10.0
10.5
Frequency (GHz)
P
DISS vs. Frequency vs. TBASE
CW, P
IN = 15 dBm
-40 °C
25 °C
85 °C
20
22
24
26
28
30
32
8.5
9.0
9.5
10.0
10.5
Frequency (GHz)
P
DISS vs. Frequency vs. TBASE
PW = 100 µs, DC = 10%,
P
IN = 15 dBm
-40 °C
25 °C
85 °C
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
1E+10
1E+11
1E+12
1E+13
1E+14
1E+15
1E+16
1E+17
1E+18
25
50
75
100
125
150
175
200
225
250
275
Channel Temperature, T
CH (C)
Median Lifetime vs. Channel Temperature
FET13


Similar Part No. - TGA2624-CP

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2624-SM QORVO-TGA2624-SM Datasheet
696Kb / 18P
   9??0 GHz 20 W GaN Power Amplifier
TGA2624-SMEVB QORVO-TGA2624-SMEVB Datasheet
696Kb / 18P
   9??0 GHz 20 W GaN Power Amplifier
More results

Similar Description - TGA2624-CP

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2622-CP TRIQUINT-TGA2622-CP_15 Datasheet
611Kb / 15P
   9 to 10 GHz 35 W GaN Power Amplifier
logo
Qorvo, Inc
TGA2624-SM QORVO-TGA2624-SM Datasheet
696Kb / 18P
   9??0 GHz 20 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2625-CP TRIQUINT-TGA2625-CP_15 Datasheet
578Kb / 15P
   10 to 11 GHz, 17 W GaN Power Amplifier
logo
Qorvo, Inc
TGA2583-SM QORVO-TGA2583-SM Datasheet
798Kb / 13P
   2.7 to 3.7 GHz, 10 W GaN Power Amplifier
April 2020
logo
TriQuint Semiconductor
TGA2623-CP TRIQUINT-TGA2623-CP_15 Datasheet
617Kb / 15P
   10 to 11 GHz 32 W GaN Power Amplifier
TGA2976-SM TRIQUINT-TGA2976-SM Datasheet
794Kb / 18P
   0.1 ??3.0 GHz 10 W GaN Power Amplifier
QPA2237 TRIQUINT-QPA2237 Datasheet
789Kb / 16P
   0.03 ??2.5 GHz 10 W GaN Power Amplifier
TGA4548 TRIQUINT-TGA4548 Datasheet
718Kb / 11P
   17 - 20 GHz 10 W GaN Power Amplifier
logo
Qorvo, Inc
QPA2211 QORVO-QPA2211 Datasheet
692Kb / 22P
   27.5 ??31 GHz 10 W GaN Power Amplifier
logo
TriQuint Semiconductor
QPA1003D TRIQUINT-QPA1003D Datasheet
566Kb / 21P
   1 ??8 GHz 10 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com