Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2625 Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # TGA2625
Description  10 to 11GHz 20W GaN Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2625 Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button TGA2625_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2625_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2625_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2625_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA2625_15 Datasheet HTML 10Page - TriQuint Semiconductor TGA2625_15 Datasheet HTML 11Page - TriQuint Semiconductor TGA2625_15 Datasheet HTML 12Page - TriQuint Semiconductor TGA2625_15 Datasheet HTML 13Page - TriQuint Semiconductor TGA2625_15 Datasheet HTML 14Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TGA2625
10
– 11GHz 20W GaN Power Amplifier
Preliminary Datasheet: Rev - 11-03-14
- 11 of 14 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Evaluation Board (EVB) Layout Assembly
Bill of Materials
Reference Design
Value
Description
Manufacturer
Part Number
C1
– C8
1000pF
SLC, 50V
Various
C9, C11
0.1uF
Cap, 0402, 50V, 10%, X7R
Various
C10, C12
47uF
Cap, 1206, 50V, 10%, X7R
Various
R1
– R2
10Ω
Res, 0402
Various
R3
– R4
0Ω
Res, 0402
Various
Notes:
1.
100uF/100V charge storage cap is needed on the drain. For pulsed operation this cap must be on the supply-side of
the pulse-modulator.


Similar Part No. - TGA2625_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2625-CP TRIQUINT-TGA2625-CP Datasheet
578Kb / 15P
   10 to 11 GHz, 17 W GaN Power Amplifier
TGA2625-CP TRIQUINT-TGA2625-CP_15 Datasheet
578Kb / 15P
   10 to 11 GHz, 17 W GaN Power Amplifier
More results

Similar Description - TGA2625_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2623 TRIQUINT-TGA2623_15 Datasheet
580Kb / 14P
   10 to 11GHz 35W GaN Power Amplifier
logo
Qorvo, Inc
TGA2623 QORVO-TGA2623 Datasheet
580Kb / 14P
   10 ??11GHz 35W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2579-2-FL TRIQUINT-TGA2579-2-FL_15 Datasheet
450Kb / 12P
   20W Ku-Band GaN Power Amplifier
TGA2963 TRIQUINT-TGA2963 Datasheet
682Kb / 15P
   6 ??18GHz 20W GaN Power Amplifier
logo
United Monolithic Semic...
CHA4250-QDG UMS-CHA4250-QDG_15 Datasheet
578Kb / 14P
   5.5-11GHz Medium Power Amplifier
logo
Microchip Technology
ICP1040P MICROCHIP-ICP1040P Datasheet
6Mb / 23P
   7.9-11GHz 12W GaN PA MMIC
Rev E
logo
Tyco Electronics
MAAM71100 MACOM-MAAM71100 Datasheet
203Kb / 2P
   GaAs MMIC Power Amplifier 7-11GHz
logo
TriQuint Semiconductor
TGA2622-CP TRIQUINT-TGA2622-CP_15 Datasheet
611Kb / 15P
   9 to 10 GHz 35 W GaN Power Amplifier
TGA2624-CP TRIQUINT-TGA2624-CP_15 Datasheet
495Kb / 15P
   9 to 10 GHz, 16 W GaN Power Amplifier
TGA2625-CP TRIQUINT-TGA2625-CP_15 Datasheet
578Kb / 15P
   10 to 11 GHz, 17 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com