Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2625-CP Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGA2625-CP
Description  10 to 11 GHz, 17 W GaN Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2625-CP Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGA2625-CP Datasheet HTML 6Page - TriQuint Semiconductor TGA2625-CP Datasheet HTML 7Page - TriQuint Semiconductor TGA2625-CP Datasheet HTML 8Page - TriQuint Semiconductor TGA2625-CP Datasheet HTML 9Page - TriQuint Semiconductor TGA2625-CP Datasheet HTML 10Page - TriQuint Semiconductor TGA2625-CP Datasheet HTML 11Page - TriQuint Semiconductor TGA2625-CP Datasheet HTML 12Page - TriQuint Semiconductor TGA2625-CP Datasheet HTML 13Page - TriQuint Semiconductor TGA2625-CP Datasheet HTML 14Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TGA2625-CP
10 to 11 GHz, 17 W GaN Power Amplifier
Preliminary Datasheet: 11-03-14
- 10 of 15 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance: Linearity
Conditions unless otherwise specified: VD = 28 V, IDQ = 365 mA, VG = -2.6 V typical.
-44
-42
-40
-38
-36
-34
-32
-30
10.0
10.2
10.4
10.6
10.8
11.0
Frequency (GHz)
2nd Harmonic vs. Frequency vs. P
IN
CW, V
D = 28 V, IDQ = 145 mA, Temp = 25
C
15 dBm
5 dBm
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
10.0
10.2
10.4
10.6
10.8
11.0
Frequency (GHz)
3rd Harmonic vs. Frequency vs. P
IN
CW, V
D = 28 V, IDQ = 145 mA, Temp = 25
C
15 dBm
5 dBm
-45
-40
-35
-30
-25
-20
-15
20
25
30
35
40
Output Power per Tone (dBm)
IM3 vs. Output Power vs. Frequency
CW, Temp = 25 C
10.5 GHz
11 GHz
10 GHz
-45
-40
-35
-30
-25
-20
-15
20
25
30
35
40
Output Power per Tone (dBm)
IM3 vs. Output Power vs. Drain Current
CW, Freq = 10.5 GHz, Temp = 25 C
365 mA
145 mA
-70
-65
-60
-55
-50
-45
-40
-35
-30
20
25
30
35
40
Output Power per Tone (dBm)
IM5 vs. Output Power vs. Frequency
CW, Temp = 25 C
10.5 GHz
11 GHz
10 GHz
-70
-65
-60
-55
-50
-45
-40
-35
-30
20
25
30
35
40
Output Power per Tone (dBm)
IM5 vs. Output Power vs. Drain Current
CW, Freq = 9.5 GHz, Temp = 25 C
365 mA
145 mA


Similar Part No. - TGA2625-CP

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2625 TRIQUINT-TGA2625 Datasheet
615Kb / 14P
   10 to 11GHz 20W GaN Power Amplifier
TGA2625 TRIQUINT-TGA2625_15 Datasheet
615Kb / 14P
   10 to 11GHz 20W GaN Power Amplifier
More results

Similar Description - TGA2625-CP

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2623-CP TRIQUINT-TGA2623-CP_15 Datasheet
617Kb / 15P
   10 to 11 GHz 32 W GaN Power Amplifier
TGA4548 TRIQUINT-TGA4548 Datasheet
718Kb / 11P
   17 - 20 GHz 10 W GaN Power Amplifier
logo
Qorvo, Inc
TGA4548-SM QORVO-TGA4548-SM Datasheet
1Mb / 17P
   17 ??20 GHz 10 W GaN Power Amplifier
TGA4548 QORVO-TGA4548 Datasheet
1Mb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA4548-SM TRIQUINT-TGA4548-SM Datasheet
730Kb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
logo
Qorvo, Inc
TGA2623-CP QORVO-TGA2623-CP Datasheet
770Kb / 16P
   10 ??11 GHz 32 W GaN Power Amplifier
QPA1022D QORVO-QPA1022D Datasheet
712Kb / 17P
   8.5 ??11 GHz 4 W GaN Power Amplifier
TGA2238-CP QORVO-TGA2238-CP Datasheet
572Kb / 14P
   8 ??11 GHz 50 W GaN Power Amplifier
TGA2238 QORVO-TGA2238 Datasheet
756Kb / 12P
   8 ??11 GHz 60 W GaN Power Amplifier
QPA1022 QORVO-QPA1022 Datasheet
1Mb / 17P
   8.5 ??11 GHz 4 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com