Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2627-SM Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # TGA2627-SM
Description  6 to 12 GHz GaN Driver Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2627-SM Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button TGA2627-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA2627-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA2627-SM Datasheet HTML 9Page - TriQuint Semiconductor TGA2627-SM Datasheet HTML 10Page - TriQuint Semiconductor TGA2627-SM Datasheet HTML 11Page - TriQuint Semiconductor TGA2627-SM Datasheet HTML 12Page - TriQuint Semiconductor TGA2627-SM Datasheet HTML 13Page - TriQuint Semiconductor TGA2627-SM Datasheet HTML 14Page - TriQuint Semiconductor TGA2627-SM Datasheet HTML 15Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TGA2627-SM
6 - 12 GHz GaN Driver Amplifier
Preliminary Datasheet: Rev - 09-05-14
- 11 of 16 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Applications Information
Evaluation Board Layout
RF Layer is 0.008” thick Rogers Corp.
RO4003C, εr = 3.38. Metal layers are 0.5 oz.
copper. The microstrip line at the connector
interface is optimized for the Southwest
Microwave end launch connector 1092-02A-
5.
The pad pattern shown has been developed
and
tested
for optimized assembly at
TriQuint Semiconductor. The PCB land
pattern
has
been
developed
to
accommodate lead and package tolerances.
Since surface mount processes vary from
company
to
company,
careful
process
development is recommended.
Bill of Materials
Ref. Designation
Value
Description
Manufacturer
Part Number
C1 – C4, C7, C8
0.01 pF
Cap., 50V, 10% X7R, 0402 case
Various
C5, C6, C9, C10
1.0 uF
Cap., 50V, 10% X5R, 1206 case
Various
R1 – R4, R7, R8
5.1 Ohms
Resistor, 0402 case
Various
R5, R6, R9, R10
0.0 Ohms
Resistor, 0402 case
Various


Similar Part No. - TGA2627-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2620 TRIQUINT-TGA2620 Datasheet
522Kb / 13P
   16 to 18GHz Driver Amplifier
TGA2620-SM TRIQUINT-TGA2620-SM Datasheet
618Kb / 14P
   16 to 18GHz Driver Amplifier
TGA2620-SM TRIQUINT-TGA2620-SM_15 Datasheet
618Kb / 14P
   16 to 18GHz Driver Amplifier
TGA2620 TRIQUINT-TGA2620_15 Datasheet
522Kb / 13P
   16 to 18GHz Driver Amplifier
TGA2621 TRIQUINT-TGA2621 Datasheet
474Kb / 13P
   16 to 18 GHz 1 W GaAs Power Amplifier
More results

Similar Description - TGA2627-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2598-SM TRIQUINT-TGA2598-SM_15 Datasheet
757Kb / 14P
   6 to 12 GHz 2W GaN Driver Amplifier
logo
Qorvo, Inc
TGA2598 QORVO-TGA2598 Datasheet
457Kb / 13P
   6 ??12 GHz 2W GaN Driver Amplifier
December 2020
QPA2598 QORVO-QPA2598 Datasheet
1Mb / 17P
   6 – 12 GHz 2.5 W GaN Driver Amplifier
March 2021
logo
TriQuint Semiconductor
TGA2597-SM TRIQUINT-TGA2597-SM_15 Datasheet
1Mb / 16P
   2 6 GHz GaN Driver Amplifier
TGA2597 TRIQUINT-TGA2597_15 Datasheet
901Kb / 14P
   2 6 GHz GaN Driver Amplifier
TGA2612-SM TRIQUINT-TGA2612-SM_15 Datasheet
609Kb / 14P
   6 to 12 GHz GaN LNA
TGA2612 TRIQUINT-TGA2612_15 Datasheet
526Kb / 12P
   6 to 12 GHz GaN LNA
logo
Qorvo, Inc
TGA2590 QORVO-TGA2590 Datasheet
797Kb / 12P
   6-12 GHz 30W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2590 TRIQUINT-TGA2590 Datasheet
613Kb / 12P
   6-12 GHz 30W GaN Power Amplifier
logo
Qorvo, Inc
TGA2590-CP QORVO-TGA2590-CP Datasheet
457Kb / 11P
   6 ??12 GHz 30 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com