Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU1010-18CP Datasheet(PDF) 5 Page - International Rectifier

Part # IRU1010-18CP
Description  1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1010-18CP Datasheet(HTML) 5 Page - International Rectifier

  IRU1010-18CP Datasheet HTML 1Page - International Rectifier IRU1010-18CP Datasheet HTML 2Page - International Rectifier IRU1010-18CP Datasheet HTML 3Page - International Rectifier IRU1010-18CP Datasheet HTML 4Page - International Rectifier IRU1010-18CP Datasheet HTML 5Page - International Rectifier IRU1010-18CP Datasheet HTML 6Page - International Rectifier IRU1010-18CP Datasheet HTML 7Page - International Rectifier IRU1010-18CP Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRU1010-18 & (PbF)
5
www.irf.com
(P) Ultra Thin-PakTM
2-Pin
NOTE: ALL MEASUREMENTS
ARE IN MILLIMETERS.
SYMBOL
A
A1
B
C
D
E
G
G1
H
K
L
M
N
P
R
U
V
MIN
5.91
5.54
6.02
1.70
0.63
0.17
2.16
4.45
9.42
0.76
0.02
0.89
0.25
0.94
2
2.92
MAX
6.17
5.79
6.27
2.03
0.79
0.33
2.41
4.70
9.68
1.27
0.13
1.14
0.25
1.19
6
3.30
5.08 NOM
A
E
M
L
N
U
C
B
K
P
V
H
G
D
R
L
C
A1
G1


Similar Part No. - IRU1010-18CP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1010-18CP IRF-IRU1010-18CP Datasheet
128Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
More results

Similar Description - IRU1010-18CP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1010-18CDTR IRF-IRU1010-18CDTR Datasheet
128Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18 IRF-IRU1117-18 Datasheet
75Kb / 4P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18PBF IRF-IRU1117-18PBF Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-25 IRF-IRU1010-25 Datasheet
50Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
logo
UNISEM
US1010-25 UNISEM-US1010-25 Datasheet
19Kb / 3P
   1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
US1010-33 UNISEM-US1010-33 Datasheet
19Kb / 3P
   1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
logo
International Rectifier
IRU1010-33 IRF-IRU1010-33 Datasheet
76Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
Taiwan Semiconductor Co...
TS2940 TSC-TS2940 Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
UNISEM
US1206 UNISEM-US1206 Datasheet
39Kb / 7P
   1A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE & FIXED REGULATOR
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com