Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU1015-33 Datasheet(PDF) 2 Page - International Rectifier

Part # IRU1015-33
Description  1.5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1015-33 Datasheet(HTML) 2 Page - International Rectifier

  IRU1015-33 Datasheet HTML 1Page - International Rectifier IRU1015-33 Datasheet HTML 2Page - International Rectifier IRU1015-33 Datasheet HTML 3Page - International Rectifier IRU1015-33 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IRU1015-33
2
Rev. 1.1
06/29/01
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Vin) ....................................................
7V
Power Dissipation .....................................................
Internally Limited
Storage Temperature Range ...................................... -65°C To 150°C
Operating Junction Temperature Range .....................
0°C To 150°C
PACKAGE INFORMATION
3-PIN PLASTIC TO-220 (T)
3-PIN PLASTIC TO-263 (M)
2-PIN PLASTIC ULTRA THIN-PAK(P)
2-PIN PLASTIC TO-252 (D-Pak)
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Output Voltage
Vo
Io=10mA, Tj=25!C, Vin=5V
3.267 3.300
3.333
V
Io=10mA, Vin=5V
3.234 3.300
3.366
Line Regulation
Io=10mA, 4.7V<Vin<7V
0.2
%
Load Regulation (Note 1)
Vin=5V, Vadj=0, 10mA<Io<1.5A
0.4
%
Dropout Voltage (Note 2)
∆Vo
Note 2, Io=1.5A
1.1
1.3
V
Current Limit
Vin=5V, dVo=100mV
1.6
A
Minimum Load Current
Vin=5V
5
10
mA
(Note 3)
Thermal Regulation
30ms Pulse, Vin-Vo=3V, Io=1.5A
0.01
0.02
%/W
Ripple Rejection
f=120Hz, Co=25µF Tantalum,
Io=0.75A, Vin-Vo=3V
60
70
dB
Adjust Pin Current Change
Io=10mA, Vin-Vo=1.5V, Tj=25!C
0.2
5
µA
Temperature Stability
Vin=5V, Vadj=0V, Io=10mA
0.5
%
Long Term Stability
Tj=125!C, 1000Hrs
0.3
1
%
RMS Output Noise
Tj=25!C, 10Hz<f<10KHz
0.003
%Vo
Gnd
Vout
Vin
Tab is
Vout
FRONT VIEW
1
2
3
Gnd
Vin
Tab is
Vout
FRONT VIEW
1
3
Gnd
Vin
Tab is
Vout
1
3
FRONT VIEW
Gnd
Tab is
Vout
Vin
Vout
1
2
3
FRONT VIEW
θJT=2.7°C/W θJA=60°C/W
θJA=35°C/W for 1" Square pad
θJA=70°C/W for 1" Square pad
θJA=70°C/W for 0.5" Sq pad
Unless otherwise specified, these specifications apply over Cin=1
µF, Cout=10µF, and Tj=0 to 150!C.
Typical values refer to Tj=25!C.
ELECTRICAL SPECIFICATIONS
Note 1: Low duty cycle pulse testing with Kelvin con-
nections is required in order to maintain accurate data.
Note 2: Dropout voltage is defined as the minimum dif-
ferential voltage between Vin and Vout required to main-
tain regulation at Vout. It is measured when the output
voltage drops 1% below its nominal value.
Note 3: Minimum load current is defined as the mini-
mum current required at the output in order for the out-
put voltage to maintain regulation. Typically the resistor
dividers are selected such that this current is automati-
cally maintained.


Similar Part No. - IRU1015-33

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1015-33 IRF-IRU1015-33 Datasheet
58Kb / 8P
   1.5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1015-33CD IRF-IRU1015-33CD Datasheet
58Kb / 8P
   1.5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
More results

Similar Description - IRU1015-33

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1015-33CD IRF-IRU1015-33CD Datasheet
58Kb / 8P
   1.5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
Anachip Corp
AP033 ANACHIP-AP033 Datasheet
137Kb / 5P
   1.5A Low Dropout Positive Fixed-Mode Regulator
logo
International Rectifier
IRU1050-33 IRF-IRU1050-33 Datasheet
85Kb / 4P
    5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
Taiwan Semiconductor Co...
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
International Rectifier
IRU1050-33CT IRF-IRU1050-33CT Datasheet
58Kb / 8P
   5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1030-33 IRF-IRU1030-33 Datasheet
77Kb / 4P
    3A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1050-33CD IRF-IRU1050-33CD Datasheet
58Kb / 8P
   5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1117-33 IRF-IRU1117-33 Datasheet
64Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1010-33 IRF-IRU1010-33 Datasheet
76Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com