Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2807-SM Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGA2807-SM
Description  CATV Ultra Linear Gain Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2807-SM Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TGA2807-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA2807-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2807-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2807-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2807-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2807-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2807-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2807-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA2807-SM_15 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TGA2807-SM
CATV Ultra Linear Gain Amplifier
Data Sheet: Rev B 03/12/12
- 9 of 10 -
Disclaimer: Subject to change without noticee
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Product Compliance Information
ESD Information
ESD Rating: Class 1 A
Value:
Passes  450 V min.
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
For additional guidance regarding ESD and surge
protection, please consult with Application
Engineering.
Solderability
Compatible with the latest version of J-STD-
020, Lead free solder, 260 °C.
This part is compliant with EU 2002/95/EC
RoHS directive (Restrictions on the Use of
Certain Hazardous Substances in Electrical
and Electronic Equipment).
MSL Rating
The part is rated Moisture Sensitivity Level 1 at
260°C per JEDEC standard IPC/JEDEC J-STD-020.


Similar Part No. - TGA2807-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2807-SM TRIQUINT-TGA2807-SM Datasheet
461Kb / 18P
   CATV Linear Amplifier
More results

Similar Description - TGA2807-SM_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PAW-1024 MACOM-PAW-1024 Datasheet
37Kb / 1P
   CATV ULTRA-LINEAR AMPLIFIER
PAW1027 MACOM-PAW1027 Datasheet
36Kb / 1P
    35 - 550 MHz CATV ULTRA - LINEAR AMPLIFIER
logo
RF Micro Devices
RF2317 RFMD-RF2317 Datasheet
232Kb / 12P
   LINEAR CATV AMPLIFIER
logo
TriQuint Semiconductor
TGA2806-SM TRIQUINT-TGA2806-SM Datasheet
371Kb / 11P
   CATV Linear Amplifier
TGA2807-SM TRIQUINT-TGA2807-SM Datasheet
461Kb / 18P
   CATV Linear Amplifier
logo
RF Micro Devices
RF2317 RFMD-RF2317_12 Datasheet
715Kb / 11P
   LINEAR CATV AMPLIFIER
RF2317 RFMD-RF2317 Datasheet
151Kb / 8P
   LINEAR CATV AMPLIFIER
RF2317 RFMD-RF2317_1 Datasheet
365Kb / 12P
   LINEAR CATV AMPLIFIER
logo
M/A-COM Technology Solu...
MAAM-011122 MA-COM-MAAM-011122_15 Datasheet
666Kb / 9P
   Differential CATV Variable Gain Amplifier
MAAM-011194 MA-COM-MAAM-011194 Datasheet
1Mb / 10P
   Differential CATV Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com