Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2814-SM Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGA2814-SM
Description  3.1 to 3.5 GHz 80W GaN Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2814-SM Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGA2814-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2814-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2814-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2814-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA2814-SM_15 Datasheet HTML 10Page - TriQuint Semiconductor TGA2814-SM_15 Datasheet HTML 11Page - TriQuint Semiconductor TGA2814-SM_15 Datasheet HTML 12Page - TriQuint Semiconductor TGA2814-SM_15 Datasheet HTML 13Page - TriQuint Semiconductor TGA2814-SM_15 Datasheet HTML 14Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TGA2814-SM
3.1 – 3.5 GHz 80W GaN Power Amplifier
Datasheet: Rev - 02-16-15
- 10 of 15 -
Disclaimer: Subject to change without notice
© 2015 TriQuint
www.triquint.com
Typical Performance – Large Signal
Test conditions unless otherwise noted: 25 °C, VD = 30 V, IDQ = 200 mA, PW = 100 us, DC = 10 %
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
Input Power (dBm)
2nd Harmonic vs. Input Power vs. Temp.
-40 C
+25 C
+85 C
V
D = 30 V, IDQ = 200 mA, F0 = 3.3 GHz
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
Input Power (dBm)
3rd Harmonic vs. Input Power vs. Temp.
-40 C
+25 C
+85 C
V
D = 30 V, IDQ = 200 mA, F0 = 3.3 GHz


Similar Part No. - TGA2814-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2814-CP TRIQUINT-TGA2814-CP Datasheet
493Kb / 12P
   3.1 to 3.6 GHz, 80W GaN Power Amplifier
TGA2814-CP TRIQUINT-TGA2814-CP_15 Datasheet
493Kb / 12P
   3.1 to 3.6 GHz, 80W GaN Power Amplifier
More results

Similar Description - TGA2814-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2814-CP TRIQUINT-TGA2814-CP_15 Datasheet
493Kb / 12P
   3.1 to 3.6 GHz, 80W GaN Power Amplifier
QPA1001 TRIQUINT-QPA1001 Datasheet
1Mb / 15P
   3.1 ??3.5 GHz 60 Watt GaN Power Amplifier
logo
Qorvo, Inc
QPA1001 QORVO-QPA1001 Datasheet
741Kb / 17P
   3.1 ??3.5 GHz 60 Watt GaN Power Amplifier
logo
Cree, Inc
CMPA3135060S CREE-CMPA3135060S Datasheet
1Mb / 16P
   3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA3135060S WOLFSPEED-CMPA3135060S Datasheet
1Mb / 16P
   3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-25
logo
TriQuint Semiconductor
TGA2813-CP TRIQUINT-TGA2813-CP_15 Datasheet
504Kb / 12P
   3.1 to 3.6 GHz, 100W GaN Power Amplifier
logo
Qorvo, Inc
TGA2813-SM QORVO-TGA2813-SM Datasheet
553Kb / 15P
   3.1 to 3.6 GHz 100 W GaN Power Amplifier
logo
Transcom, Inc.
TA031-035-30-30 TRANSCOM-TA031-035-30-30 Datasheet
17Kb / 1P
   3.1 - 3.5 GHz 1W Amplifier
logo
Qorvo, Inc
QPA2513 QORVO-QPA2513 Datasheet
2Mb / 14P
   125 W, 50 V, 3.1 ??3.5 GHz, GaN on SiC Power Amplifier
TGA2830-SM QORVO-TGA2830-SM Datasheet
1Mb / 18P
   2.7 to 3.5 GHz, 18 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com