Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU1117-18 Datasheet(PDF) 2 Page - International Rectifier

Part # IRU1117-18
Description  800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1117-18 Datasheet(HTML) 2 Page - International Rectifier

  IRU1117-18 Datasheet HTML 1Page - International Rectifier IRU1117-18 Datasheet HTML 2Page - International Rectifier IRU1117-18 Datasheet HTML 3Page - International Rectifier IRU1117-18 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Rev. 1.1
06/29/01
IRU1117-18
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Vin) ....................................................
7V
Power Dissipation .....................................................
Internally Limited
Storage Temperature Range ...................................... -65°C To 150°C
Operating Junction Temperature Range .....................
0°C To 125°C
PACKAGE INFORMATION
2-PIN PLASTIC TO-252 (D-Pak)
3-PIN PLASTIC SOT-223 (Y)
2-PIN ULTRA THIN-PAK (P)
8-PIN PLASTIC SOIC (S)
θJA=70°C/W for 0.5" Sq pad
θJA=90°C/W for 0.4" Sq pad
θJA=70°C/W for 0.5" Sq pad
θJA=55°C/W for 1" Sq pad
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Output Voltage
Vo
Io=10mA, Tj=25!C
1.782 1.800
1.818
V
Io=10mA
1.764 1.800
1.896
Line Regulation
Io=10mA, 4.75V<Vin<7V
7
mV
Load Regulation (Note 1)
10mA<Io<800mA
17
mV
Dropout Voltage (Note 2)
Io=1A
1.2
1.3
V
Io=800mA
1.1
1.2
Current Limit
dVo=100mV
1.1
A
Thermal Regulation
30ms Pulse, Io=800mA
0.01
%/W
Ripple Rejection
f=120Hz, Co=25µF Tantalum,
Io=0.5A
70
dB
Temperature Stability
Io=10mA
0.5
%
Long Term Stability
Tj=125!C, 1000Hrs
0.3
%
RMS Output Noise
Tj=25!C, 10Hz<f<10KHz
0.003
%Vo
Unless otherwise specified, these specifications apply over Cin=1µF, Vin=5V,Cout=10µF, and Tj=0 to 125!C.
Typical values refer to Tj=25!C.
ELECTRICAL SPECIFICATIONS
Note 1: Low duty cycle pulse testing with Kelvin connections is required in order to maintain accurate data.
Note 2: Dropout voltage is defined as the minimum differential voltage between Vin and Vout required to maintain
regulation at Vout. It is measured when the output voltage drops 1% below its nominal value.
Gnd
Vout
Vin
Tab is
Vout
3
1
2
TOP VIEW
Tab is
Vout
Gnd
Vin
FRONT VIEW
1
3
Gnd
Tab is
Vout
Vin
1
3
FRONT VIEW
Vout
Gnd
NC
NC
Vin
Vout
Vout
Vout
4
3
2
1
5
6
7
8
TOP VIEW


Similar Part No. - IRU1117-18

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1117-18CD IRF-IRU1117-18CD Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CP IRF-IRU1117-18CP Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CS IRF-IRU1117-18CS Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CSPBF IRF-IRU1117-18CSPBF Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CY IRF-IRU1117-18CY Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
More results

Similar Description - IRU1117-18

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1117-18PBF IRF-IRU1117-18PBF Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
logo
Microchip Technology
TC2117 MICROCHIP-TC2117 Datasheet
447Kb / 12P
   800mA Fixed Low Dropout Positive Regulator
2002
logo
International Rectifier
IRU1117-33 IRF-IRU1117-33 Datasheet
64Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1117-25 IRF-IRU1117-25 Datasheet
60Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
IRU1010-18CDTR IRF-IRU1010-18CDTR Datasheet
128Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-18 IRF-IRU1010-18 Datasheet
123Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
logo
Analog Intergrations Co...
AIC1117 AIC-AIC1117_15 Datasheet
260Kb / 12P
   800mA Low Dropout Positive Regulator
logo
Anpec Electronics Corop...
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com