Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU1050CT Datasheet(PDF) 2 Page - International Rectifier

Part # IRU1050CT
Description  5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1050CT Datasheet(HTML) 2 Page - International Rectifier

  IRU1050CT Datasheet HTML 1Page - International Rectifier IRU1050CT Datasheet HTML 2Page - International Rectifier IRU1050CT Datasheet HTML 3Page - International Rectifier IRU1050CT Datasheet HTML 4Page - International Rectifier IRU1050CT Datasheet HTML 5Page - International Rectifier IRU1050CT Datasheet HTML 6Page - International Rectifier IRU1050CT Datasheet HTML 7Page - International Rectifier IRU1050CT Datasheet HTML 8Page - International Rectifier IRU1050CT Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Rev. 1.8
08/20/02
IRU1050
www.irf.com
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN) ....................................................
7V
Power Dissipation .....................................................
Internally Limited
Storage Temperature Range ......................................
-65°C To 150°C
Operating Junction Temperature Range .....................
0°C To 150°C
PACKAGE INFORMATION
2-Pin Plastic TO-252 (D-Pak)
3-Pin Plastic TO-263 (M)
2-Pin Plastic ULTRA THIN-PAKTM (P)
3-Pin Plastic TO-220 (T)
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over CIN=1
mF, COUT=10mF, and TJ=0 to 1508C.
Typical values refer to TJ=25
8C.
Note 1: Low duty cycle pulse testing with Kelvin con-
nections is required in order to maintain accurate data.
Note 2: Dropout voltage is defined as the minimum dif-
ferential voltage between VIN and VOUT required to main-
tain regulation at VOUT. It is measured when the output
voltage drops 1% below its nominal value.
Note 3: Minimum load current is defined as the mini-
mum current required at the output in order for the out-
put voltage to maintain regulation. Typically the resistor
dividers are selected such that it automatically main-
tains this current.
Adj
Tab is
VOUT
VIN
VOUT
1
2
3
FRONTVIEW
Adj
VOUT
VIN
1
2
3
FRONT VIEW
Tab is
VOUT
Adj
VIN
FRONT VIEW
1
3
Tab is
VOUT
Adj
VIN
1
3
FRONT VIEW
Tab is
VOUT
θJA=70°C/W for 0.5" Sq pad
θJA=35°C/W for 1" Square pad
θJA=70°C/W for 1" Square pad
θJT=2.7°C/W θJA=60°C/W
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
VREF
DVo
IADJ
Reference Voltage
Line Regulation
Load Regulation (Note 1)
Dropout Voltage (Note 2)
Current Limit
Minimum Load Current (Note 3)
Thermal Regulation
Ripple Rejection
Adjust Pin Current
Adjust Pin Current Change
Temperature Stability
Long Term Stability
RMS Output Noise
Io=10mA, TJ=25
8C, VIN-Vo=1.5V
Io=10mA, VIN-Vo=1.5
Io=10mA, 1.3V<(VIN-Vo)<7V
VIN=3.3V, VADJ=0V, 10mA<Io<5A
Note 2, Io=4A
Io=5A
VIN=3.3V,
DVo=100mV
VIN=3.3V, VADJ=0V
30ms Pulse, VIN-Vo=3V, Io=5A
f=120Hz, Co=25
mF Tantalum,
Io=2.5A, VIN-Vo=3V
Io=10mA, VIN-Vo=1.5V, TJ=25
8C,
Io=10mA, VIN-Vo=1.5V
Io=10mA, VIN-Vo=1.5V, TJ=25
8C
VIN=3.3V, VADJ=0V, Io=10mA
TJ=125
8C, 1000Hrs
TJ=25
8C, 10Hz<f<10KHz
1.238
1.225
5.1
60
1.25
1.25
1.1
5
0.01
70
55
0.2
0.5
0.3
0.003
1.262
1.275
0.2
0.4
1.2
1.3
10
0.02
120
5
1
V
%
%
V
A
mA
%/W
dB
mA
mA
%
%
%Vo


Similar Part No. - IRU1050CT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1050-33 IRF-IRU1050-33 Datasheet
85Kb / 4P
    5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1050-33CD IRF-IRU1050-33CD Datasheet
58Kb / 8P
   5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1050-33CT IRF-IRU1050-33CT Datasheet
58Kb / 8P
   5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
More results

Similar Description - IRU1050CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
26-Mar-02
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084 Datasheet
104Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
logo
Linear Technology
RH1084MK LINER-RH1084MK_15 Datasheet
87Kb / 2P
   5A Low Dropout Positive Adjustable Regulator
RH1084 LINER-RH1084_15 Datasheet
85Kb / 4P
   5A Low Dropout Positive Adjustable Regulator
logo
UNISEM
US1050 UNISEM-US1050 Datasheet
52Kb / 7P
   5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1084 LINER-RH1084 Datasheet
62Kb / 4P
   5A Low Dropout Positive Adjustable Regulator
logo
Diodes Incorporated
AP1084 DIODES-AP1084_10 Datasheet
155Kb / 11P
   5A LOW DROPOUT POSITIVE ADJUSTABLE
AP1084 Rev. 9
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com