Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2025 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2025
Description  Converter Improvement Using
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2025 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2025 Datasheet HTML 3Page - STMicroelectronics AN2025 Datasheet HTML 4Page - STMicroelectronics AN2025 Datasheet HTML 5Page - STMicroelectronics AN2025 Datasheet HTML 6Page - STMicroelectronics AN2025 Datasheet HTML 7Page - STMicroelectronics AN2025 Datasheet HTML 8Page - STMicroelectronics AN2025 Datasheet HTML 9Page - STMicroelectronics AN2025 Datasheet HTML 10Page - STMicroelectronics AN2025 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AN2025 - APPLICATION NOTE
9/11
The two method of optimization of conventional parts numbers are given in the table below:
In this example, avalanche losses and switching-off losses are negligible in comparison with the forward
losses. The following table gives the forward losses saving for each output.
In this example, the total efficiency improvement on the 3 outputs is equal to 1.9%.
VI. Conclusion
This paper presents the specification tool allowing the admissible avalanche power of Schottky diodes to
be calculated. With this tool and the simple method to estimate the maximum avalanche peak power, one
can easily determine if a given Schottky diode can work in the avalanche area. In SMPS, the efficiency
drop is mainly determined by the rectification diode stage.
In most of cases and according to the converter topology, the use of Schottky diodes in the avalanche
area will allow the converter's efficiency to be improved. Alternatively it can enable the cost to be optimized
by reducing the current rating of the rectification diode.
References:
[1] AN1453: NEW FAMILY OF 150V POWER SCHOTTKY (by F.Gautier)
[2] AN587: TRANSISTOR PROTECTION BY TRANSIL( by B.Rivet)
[3] ANALYSIS AND OPTIMISATION OF HIGH FREQUENCY POWER RECTIFICATION (by J.M.Peter)
Figure 15: SMPS for PC
3.3V
10A
5V
25A
12V
10A
STPS3045CT
STPS6045CW
STPS20H100CT
Part Number
VOUT
Current solution
Power losses saving sol.
Cost saving solution
3.3 V
STPS3045CT
STPS3030CT
STPS2030CT
5 V
STPS6045CW
STPS6030CW
STPS3030CT
12 V
STPS20H100CT
STPS20L60CT
STPS10L60CT
Output
Part Number
Pfwd (W)
VOUT = 3.3 V
IOUT = 10 A
STPS3045CT
4.35
STPS3030CT
3.12
VOUT = 5 V
IOUT = 25 A
STPS6045CW
12
STPS6030CW
9.1
VOUT = 12 V
IOUT = 10 A
STPS20H100CT
5.85
STPS20L60CT
4.66


Similar Part No. - AN2025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN202 ETC-AN202 Datasheet
72Kb / 5P
   Testing and specifying FAST logic
logo
Panasonic Semiconductor
AN2020S PANASONIC-AN2020S Datasheet
21Kb / 1P
   Dual Balanced Modulator IC
logo
STMicroelectronics
AN2021 STMICROELECTRONICS-AN2021 Datasheet
880Kb / 39P
   The ST10F272B and ST10F272E are members of the STMicroelectronics
AN2027 STMICROELECTRONICS-AN2027 Datasheet
53Kb / 5P
   Mounting recommendations for ceramic DMOS packages
More results

Similar Description - AN2025

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2719 STMICROELECTRONICS-AN2719 Datasheet
242Kb / 22P
   Precision improvement techniques
logo
NXP Semiconductors
TDA4560 PHILIPS-TDA4560 Datasheet
67Kb / 9P
   Colour transient improvement circuit
March 1985
TDA4565 PHILIPS-TDA4565 Datasheet
77Kb / 11P
   Colour transient improvement circuit
November 1989
TDA4566 PHILIPS-TDA4566 Datasheet
78Kb / 11P
   Colour transient improvement circuit
March 1991
TDA9177 PHILIPS-TDA9177 Datasheet
235Kb / 28P
   YUV transient improvement processor
1997 Dec 01
logo
Infineon Technologies A...
TLE9371VSJ INFINEON-TLE9371VSJ Datasheet
994Kb / 35P
   CAN signal improvement transceiver
1.0 2023-02-28
logo
NXP Semiconductors
TDA4671 PHILIPS-TDA4671 Datasheet
152Kb / 16P
   Picture Signal Improvement PSI circuit
1996 Dec 11
TDA9176 PHILIPS-TDA9176 Datasheet
91Kb / 16P
   Luminance Transient Improvement LTI IC
1996 Jan 30
TDA4670 PHILIPS-TDA4670 Datasheet
107Kb / 16P
   Picture Signal Improvement PSI circuit
1996 Dec 11
logo
STMicroelectronics
AN1232 STMICROELECTRONICS-AN1232 Datasheet
109Kb / 6P
   Ruggedness improvement of RF DMOS devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com