Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0162 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM0162
Description  Getting Started with the CAN Industrial Controller Evaluation Board
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0162 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM0162 Datasheet HTML 4Page - STMicroelectronics UM0162 Datasheet HTML 5Page - STMicroelectronics UM0162 Datasheet HTML 6Page - STMicroelectronics UM0162 Datasheet HTML 7Page - STMicroelectronics UM0162 Datasheet HTML 8Page - STMicroelectronics UM0162 Datasheet HTML 9Page - STMicroelectronics UM0162 Datasheet HTML 10Page - STMicroelectronics UM0162 Datasheet HTML 11Page - STMicroelectronics UM0162 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
1 Hardware
UM0162
8/32
1.2.1
Input PCLT Sensor interface
The Input PCLT is designed to interface with a 2- or 3-wire digital sensor and complies with
IEC61131-2 Type 1, 2 and 3 specifications. Input type characteristic can be changed choosing
different resistor values as shown in Table 1 or PCLT-2A datasheet. Figure 6 shows the Input
PCLT pinout and sensor connections are described in Figure 7.
Table 1.
Input Type Programming
Resistors
Type 1
Type 2
Type 3
Unit
R110 and R111
22
10
22
k
R33, R34, R37 and R38
2.2
0.75
1.2
k
R40 and R36
2.2
2.2
2.2
k
Figure 6.
Input PCLT sensor interface
Figure 7.
2- and 3-wire digital sensor connections (Input PCLT)
Ai11652
IN32
IN34
GND3
IN31
IN33
VCC3
Input Connector 3 (J50)
U1
2-wire sensor
24V
Power Supply
IN31
1
IN32
2
IN33
3
IN34
4
VCC3
9
GND3
10
J50
24V
Power Supply
OUT
U1
3-wire sensor
IN31
1
IN32
2
IN33
3
IN34
4
VCC3
9
GND3
10
J50
Ai11645


Similar Part No. - UM0162

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UM0100 ETC1-UM0100 Datasheet
96Kb / 2P
   1Watt DC-DC Converters
UM0101 ETC1-UM0101 Datasheet
96Kb / 2P
   1Watt DC-DC Converters
UM0102 ETC1-UM0102 Datasheet
96Kb / 2P
   1Watt DC-DC Converters
UM0103 ETC1-UM0103 Datasheet
96Kb / 2P
   1Watt DC-DC Converters
UM0107 ETC1-UM0107 Datasheet
96Kb / 2P
   1Watt DC-DC Converters
More results

Similar Description - UM0162

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0193 STMICROELECTRONICS-UM0193 Datasheet
750Kb / 35P
   Getting Started with the ARMIC30 Evaluation Board
logo
List of Unclassifed Man...
AN009 ETC2-AN009 Datasheet
236Kb / 6P
   Getting Started with the KXPS5
logo
STMicroelectronics
UM0284 STMICROELECTRONICS-UM0284 Datasheet
437Kb / 11P
   Getting started with the STUSB03E
UM0250 STMICROELECTRONICS-UM0250 Datasheet
244Kb / 12P
   Getting started with the ST7
AN3342 STMICROELECTRONICS-AN3342 Datasheet
1Mb / 39P
   Getting started with STM8TL5xxx
UM1662 STMICROELECTRONICS-UM1662 Datasheet
605Kb / 11P
   Getting started with the STM32F429 Discovery kit
September 2013 Rev 1
logo
Ramtron International C...
AN91267 RAMTRON-AN91267 Datasheet
3Mb / 62P
   Getting Started with PSoC
logo
STMicroelectronics
UM0034 STMICROELECTRONICS-UM0034 Datasheet
2Mb / 39P
   Getting Started
UM1833 STMICROELECTRONICS-UM1833 Datasheet
874Kb / 8P
   Getting started with the STCOMET development environment
AN2752 STMICROELECTRONICS-AN2752 Datasheet
2Mb / 40P
   Getting started with the STM8S and STM8A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com