Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANTXV2N6784 Datasheet(PDF) 2 Page - International Rectifier

Part # JANTXV2N6784
Description  POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=1.5ohm, Id=2.25A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANTXV2N6784 Datasheet(HTML) 2 Page - International Rectifier

  JANTXV2N6784 Datasheet HTML 1Page - International Rectifier JANTXV2N6784 Datasheet HTML 2Page - International Rectifier JANTXV2N6784 Datasheet HTML 3Page - International Rectifier JANTXV2N6784 Datasheet HTML 4Page - International Rectifier JANTXV2N6784 Datasheet HTML 5Page - International Rectifier JANTXV2N6784 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Thermal Resistance
Parameter
Min. Typ. Max. Units
Test Conditions
RthJC
Junction-to-Case
8.3
RthJA
Junction-to-Ambient
175
K/W
Typical socket mount
Source-Drain Diode Ratings and Characteristics
Parameter
Min. Typ. Max. Units
Test Conditions
IS
Continuous Source Current (Body Diode)
2.25
Modified MOSFET symbol showing the
ISM
Pulse Source Current (Body Diode) Œ
9.0
integral reverse p-n junction rectifier.
VSD
Diode Forward Voltage
1.5
V
Tj = 25°C, IS = 2.25A, VGS = 0V 
trr
Reverse Recovery Time
350
ns
Tj = 25°C, IF = 2.25A, di/dt ≤ 100A/µs
QRR
Reverse Recovery Charge
3.0
µCVDD ≤ 50V 
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min.
Typ. Max. Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
200
V
VGS = 0V, ID = 1.0 mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
0.25
V/°C
Reference to 25°C, ID = 1.0 mA
Voltage
RDS(on)
Static Drain-to-Source
1.5
VGS = 10V, ID = 1.5A
On-State Resistance
1.725
VGS = 10V, ID = 2.25A
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
0.9
S ( )VDS > 15V, IDS = 1.5A 
IDSS
Zero Gate Voltage Drain Current
25
VDS = 0.8 x Max Rating,VGS = 0V
250
VDS = 0.8 x Max Rating
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
Qg
Total Gate Charge
4.3
6.2
VGS = 10V, ID = 2.25A
Qgs
Gate-to-Source Charge
0.7
1.2
VDS = Max. Rating x 0.5
Qgd
Gate-to-Drain (“Miller”) Charge
0.5
5.0
see figures 6 and 13
td(on)
Turn-On Delay Time
15
VDD = 100V, ID = 2.25A,
tr
Rise Time
20
RG = 7.5Ω, VGS = 10V
td(off)
Turn-Off Delay Time
30
tf
Fall Time
20
see figure 10
LD
Internal Drain Inductance
5.0
LS
Internal Source Inductance
15
Ciss
Input Capacitance
140
VGS = 0V, VDS = 25V
Coss
Output Capacitance
55
f = 1.0 MHz
Crss
ReverseTransfer Capacitance
8.6
see figure 5
JANTX2N6784, JANTXV2N6784 Device

µA
nC
pF
nH
ns
Measured from the
drain lead, 6mm (0.25
in.) from package to
center of die.
Measured from the
source lead, 6mm
(0.25 in.) from package
to source bonding pad.
Modified MOSFET
symbol showing the
internal inductances.
nA
A
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - JANTXV2N6784

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTXV2N6784U IRF-JANTXV2N6784U Datasheet
202Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET-R?쏷RANSISTORS SURFACE MOUNT (LCC-18)
More results

Similar Description - JANTXV2N6784

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTX2N6762 IRF-JANTX2N6762 Datasheet
234Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=1.5ohm, Id=4.5A)
JANTX2N6802 IRF-JANTX2N6802 Datasheet
231Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=1.5ohm, Id=2.5A)
JANTX2N6790 IRF-JANTX2N6790 Datasheet
236Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.80ohm, Id=3.5A)
JANTX2N6798 IRF-JANTX2N6798 Datasheet
231Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.40ohm, Id=5.5A)
IRFY240CM IRF-IRFY240CM Datasheet
281Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.18ohm, Id=16A)
JANTX2N6766 IRF-JANTX2N6766 Datasheet
237Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.085ohm, Id=30A)
IRFN9240 IRF-IRFN9240 Datasheet
215Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=-200V, Rds(on)=0.51ohm, Id=-11A)
IRFN250 IRF-IRFN250 Datasheet
217Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.100ohm, Id=27.4A)
JANTX2N6758 IRF-JANTX2N6758 Datasheet
236Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.40ohm, Id=9A)
IRFN240 IRF-IRFN240 Datasheet
223Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.18ohm, Id=18A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com