Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2818-SM_EVB Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TGA2818-SM_EVB
Description  S-Band 30 W GaN Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2818-SM_EVB Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TGA2818-SM_EVB Datasheet HTML 4Page - TriQuint Semiconductor TGA2818-SM_EVB Datasheet HTML 5Page - TriQuint Semiconductor TGA2818-SM_EVB Datasheet HTML 6Page - TriQuint Semiconductor TGA2818-SM_EVB Datasheet HTML 7Page - TriQuint Semiconductor TGA2818-SM_EVB Datasheet HTML 8Page - TriQuint Semiconductor TGA2818-SM_EVB Datasheet HTML 9Page - TriQuint Semiconductor TGA2818-SM_EVB Datasheet HTML 10Page - TriQuint Semiconductor TGA2818-SM_EVB Datasheet HTML 11Page - TriQuint Semiconductor TGA2818-SM_EVB Datasheet HTML 12Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Datasheet: Rev – A 03-25-15
- 8 of 14 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
TGA2818-SM
S-Band 30 W GaN Power Amplifier
Typical Performance – Large Signal
Test conditions unless otherwise noted: Pulse parameters: PW = 100 us, Duty Cycle = 10%
0
5
10
15
20
25
30
35
40
45
50
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
Input Power (dBm)
Output Power vs. Input Power vs. Temp.
-40 C
+25 C
+85 C
V
D = 28 V, IDQ = 200 mA, Freq. = 3.1 GHz
0
10
20
30
40
50
60
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
Input Power (dBm)
Power Added Eff. vs. Input Power vs. Temp.
-40 C
+25 C
+85 C
V
D = 28 V, IDQ = 200 mA, Freq. = 3.1 GHz
-20
-10
0
10
20
30
40
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
Input Power (dBm)
Gain vs. Input Power vs. Temp.
-40 C
+25 C
+85 C
V
D = 28 V, IDQ = 200 mA, Freq. = 3.1 GHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
Input Power (dBm)
Drain Current vs. Input Power vs. Temp.
-40 C
+25 C
+85 C
V
D = 28 V, IDQ = 200 mA, Freq. = 3.1 GHz
-2
0
2
4
6
8
10
12
14
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
Input Power (dBm)
Gate Current vs. Input Power vs. Temp.
-40 C
+25 C
+85 C
V
D = 28 V, IDQ = 200 mA, Freq. = 3.1 GHz


Similar Part No. - TGA2818-SM_EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2818 TRIQUINT-TGA2818 Datasheet
645Kb / 15P
   S-Band 30 W GaN Power Amplifier
TGA2818 TRIQUINT-TGA2818_15 Datasheet
645Kb / 15P
   S-Band 30 W GaN Power Amplifier
More results

Similar Description - TGA2818-SM_EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2818 TRIQUINT-TGA2818_15 Datasheet
645Kb / 15P
   S-Band 30 W GaN Power Amplifier
logo
Qorvo, Inc
TGA2817-SM QORVO-TGA2817-SM Datasheet
527Kb / 13P
   S-Band 60 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2817-SM TRIQUINT-TGA2817-SM_15 Datasheet
595Kb / 13P
   S-Band 60 W GaN Power Amplifier
logo
Qorvo, Inc
QPA3055P QORVO-QPA3055P Datasheet
821Kb / 26P
   100 W S-Band GaN Power Amplifier
logo
TriQuint Semiconductor
QPB1500 TRIQUINT-QPB1500 Datasheet
1Mb / 14P
   Ku-Band 25 W GaN Power Amplifier
logo
Qorvo, Inc
TGM2635-CP QORVO-TGM2635-CP Datasheet
974Kb / 14P
   X-Band 100 W GaN Power Amplifier
September 2018
logo
TriQuint Semiconductor
TGM2635-CP TRIQUINT-TGM2635-CP Datasheet
1Mb / 14P
   X-Band 100 W GaN Power Amplifier
logo
Qorvo, Inc
TGA2578 QORVO-TGA2578 Datasheet
566Kb / 12P
   2-6 GHz 30 W GaN Power Amplifier
TGA2590-CP QORVO-TGA2590-CP Datasheet
457Kb / 11P
   6 ??12 GHz 30 W GaN Power Amplifier
TGA2578-CP QORVO-TGA2578-CP Datasheet
519Kb / 13P
   2 ??6 GHz 30 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com