Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA3503-SM Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGA3503-SM
Description  2-30 GHz GaAs Wideband Gain Block
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA3503-SM Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TGA3503-SM Datasheet HTML 2Page - TriQuint Semiconductor TGA3503-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA3503-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA3503-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA3503-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA3503-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA3503-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA3503-SM Datasheet HTML 9Page - TriQuint Semiconductor TGA3503-SM Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TGA3503-SM
2-30 GHz GaAs Wideband Gain Block
Preliminary Datasheet: Rev - 09-08-14
- 6 of 12 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance: Large Signal
Conditions unless otherwise specified: V+ = 10.4 V, IDQ = 135 mA, VCTRL = 2.2 V, VG = -1 V Typical, CW, 25 °C
130
135
140
145
150
155
160
165
170
175
-5
0
5
10
15
P
IN (dBm)
Drain Current vs. Input Power vs. Frequency
2GHz
6GHz
10GHz
14GHz
18GHz
22GHz
26GHz
30GHz
-4.72
-4.71
-4.70
-4.69
-4.68
-4.67
-4.66
-5
0
5
10
15
P
IN (dBm)
Gate Current vs. Input Power vs. Frequency
2GHz
6GHz
10GHz
14GHz
18GHz
22GHz
26GHz
30GHz
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
8.5
9.5
10.5
11.5
12.5
-5
0
5
10
15
P
IN (dBm)
Control Current vs. Input Power vs. Freq.
2GHz
6GHz
10GHz
14GHz
18GHz
22GHz
26GHz
30GHz


Similar Part No. - TGA3503-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA3500-SM TRIQUINT-TGA3500-SM Datasheet
823Kb / 11P
   2-12 GHz Driver Amplifier
TGA3504-SM TRIQUINT-TGA3504-SM Datasheet
673Kb / 11P
   2 to 30 GHz GaAs Wideband Gain Block
TGA3504-SM TRIQUINT-TGA3504-SM_15 Datasheet
673Kb / 11P
   2 to 30 GHz GaAs Wideband Gain Block
More results

Similar Description - TGA3503-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA3504-SM TRIQUINT-TGA3504-SM_15 Datasheet
673Kb / 11P
   2 to 30 GHz GaAs Wideband Gain Block
logo
SJM Prewell. All Rights...
PG671 SJM-PG671 Datasheet
395Kb / 9P
   Wideband Gain Block
PNW351 SJM-PNW351 Datasheet
422Kb / 11P
   Wideband Gain Block
PNW355 SJM-PNW355 Datasheet
497Kb / 14P
   Wideband Gain Block
PNW533 SJM-PNW533 Datasheet
336Kb / 5P
   Wideband Gain Block
PS204-63 SJM-PS204-63 Datasheet
519Kb / 11P
   Wideband Gain Block
PW350 SJM-PW350_V01 Datasheet
425Kb / 6P
   Wideband Gain Block
PNW255 SJM-PNW255 Datasheet
351Kb / 6P
   Wideband Gain Block
PS103-63 SJM-PS103-63 Datasheet
346Kb / 6P
   Wideband Gain Block
PW290-63 SJM-PW290-63_V01 Datasheet
357Kb / 7P
   Wideband Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com