Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4036 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TGA4036
Description  19 to 38 GHz Medium Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4036 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TGA4036_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA4036_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA4036_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA4036_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA4036_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA4036_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA4036_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA4036_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA4036_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
TGA4036
May 2009 © Rev -
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
TABLE IV
THERMAL INFORMATION
PARAMETER
TEST CONDITIONS
TCH
(°C)
θJC
(°C/W)
Tm
(HRS)
θJC Thermal Resistance
(channel to Case)
Vd = 5 V
Id = 160 mA
Pdiss = 0.80 W
112
51.9
3.4E+7
Note: Assumes eutectic attach using 1.5 mil 80/20 AuSn mounted to a 20 mil CuMo Carrier
at 70 °C baseplate temperature. Worst case condition with no RF applied, 100% of DC
power is dissipated.
Median Lifetime (Tm) vs. Channel Temperature


Similar Part No. - TGA4036_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4036 TRIQUINT-TGA4036 Datasheet
232Kb / 10P
   19 - 38GHz Medium Power Amplifier
logo
Qorvo, Inc
TGA4036 QORVO-TGA4036 Datasheet
303Kb / 11P
   19 -38 GHz Medium Power Amplifier
More results

Similar Description - TGA4036_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA4036 QORVO-TGA4036 Datasheet
303Kb / 11P
   19 -38 GHz Medium Power Amplifier
logo
TriQuint Semiconductor
TGA1073G-SCC TRIQUINT-TGA1073G-SCC_15 Datasheet
412Kb / 8P
   19 to 27 GHz Medium Power Amplifier
TGA1073G TRIQUINT-TGA1073G Datasheet
586Kb / 6P
   19 - 27 GHz Medium Power Amplifier
TGC4704-FC TRIQUINT-TGC4704-FC_15 Datasheet
453Kb / 12P
   38 to 77 GHz Doubler and Medium Power Amplifier
TGC4703-FC TRIQUINT-TGC4703-FC_15 Datasheet
340Kb / 11P
   19 to 38 GHz Doubler
TGA4036 TRIQUINT-TGA4036 Datasheet
232Kb / 10P
   19 - 38GHz Medium Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-545P8 AVAGO-MGA-545P8 Datasheet
117Kb / 9P
   50 MHz to 7 GHz Medium Power Amplifier
logo
TriQuint Semiconductor
TGA4706-FC TRIQUINT-TGA4706-FC_15 Datasheet
372Kb / 10P
   77 GHz Medium Power Amplifier
TGA4706-FC TRIQUINT-TGA4706-FC Datasheet
372Kb / 10P
   77 GHz Medium Power Amplifier
logo
Filtronic Compound Semi...
LMA443 FILTRONIC-LMA443 Datasheet
106Kb / 2P
   31 GHz Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com