Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4502-SCC Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # TGA4502-SCC
Description  K Band High Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4502-SCC Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button TGA4502-SCC Datasheet HTML 3Page - TriQuint Semiconductor TGA4502-SCC Datasheet HTML 4Page - TriQuint Semiconductor TGA4502-SCC Datasheet HTML 5Page - TriQuint Semiconductor TGA4502-SCC Datasheet HTML 6Page - TriQuint Semiconductor TGA4502-SCC Datasheet HTML 7Page - TriQuint Semiconductor TGA4502-SCC Datasheet HTML 8Page - TriQuint Semiconductor TGA4502-SCC Datasheet HTML 9Page - TriQuint Semiconductor TGA4502-SCC Datasheet HTML 10Page - TriQuint Semiconductor TGA4502-SCC Datasheet HTML 11Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TGA4502-SCC
11
TriQuint Semiconductor Texas Phone: www.triquint.com (972)994-8465 Fax (972)994 8504 Info-mmw@tqs.com
Oct 2008 © Rev -
Assembly Process Notes
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should
be observed during handling, assembly and test.
Reflow process assembly notes:
Use AuSn (80/20) solder with limited exposure to temperatures at or above 300 °C
(for 30 sec max).
An alloy station or conveyor furnace with reducing atmosphere should be used.
No fluxes should be utilized.
Coefficient of thermal expansion matching is critical for long-term reliability.
Devices must be stored in a dry nitrogen atmosphere.
Component placement and adhesive attachment assembly notes:
Vacuum pencils and/or vacuum collets are the preferred method of pick up.
Air bridges must be avoided during placement.
The force impact is critical during auto placement.
Organic attachment can be used in low-power applications.
Curing should be done in a convection oven; proper exhaust is a safety concern.
Microwave or radiant curing should not be used because of differential heating.
Coefficient of thermal expansion matching is critical.
Interconnect process assembly notes:
Thermosonic ball bonding is the preferred interconnect technique.
Force, time, and ultrasonics are critical parameters.
Aluminum wire should not be used.
Discrete FET devices with small pad sizes should be bonded with 0.0007-inch wire.
Maximum stage temperature is 200 °C.
Ordering Information
GaAs MMIC Die
TGA4502
Package Style
Part


Similar Part No. - TGA4502-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4502-SCC TRIQUINT-TGA4502-SCC Datasheet
153Kb / 11P
   K Band High Power Amplifier
More results

Similar Description - TGA4502-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4502-SCC TRIQUINT-TGA4502-SCC Datasheet
153Kb / 11P
   K Band High Power Amplifier
TGA4022 TRIQUINT-TGA4022 Datasheet
109Kb / 9P
   K-Band High Power Amplifier
TGA4022 TRIQUINT-TGA4022_15 Datasheet
400Kb / 10P
   K Band High Power Amplifier
TGA4531 TRIQUINT-TGA4531_15 Datasheet
677Kb / 15P
   K-Band High Linearity Power Amplifier
TGA4532-SM TRIQUINT-TGA4532-SM_15 Datasheet
581Kb / 13P
   K-Band Power Amplifier
TGA4534-SM TRIQUINT-TGA4534-SM_15 Datasheet
748Kb / 15P
   K-Band Power Amplifier
TGA4536-SM TRIQUINT-TGA4536-SM_15 Datasheet
695Kb / 15P
   K-Band Power Amplifier
logo
Qorvo, Inc
TGA4532-SM QORVO-TGA4532-SM Datasheet
530Kb / 12P
   K-Band Power Amplifier
logo
TriQuint Semiconductor
TGA4530 TRIQUINT-TGA4530 Datasheet
275Kb / 12P
   K Band High Linearity Power Amplifier
TGA4530 TRIQUINT-TGA4530_15 Datasheet
326Kb / 12P
   K Band High Linearity Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com