Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-009194-000100-V2 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-009194-000100-V2
Description  Constant Phase Digital Attenuator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-009194-000100-V2 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAD-009194-000100-V2_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-009194-000100-V2_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-009194-000100-V2_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-009194-000100-V2_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-009194-000100-V2_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-009194-000100-V2_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-009194-000100-V2_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAD-009194-000100-V2_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Constant Phase Digital Attenuator
31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
Rev. V2
MAAD-009194-000100
Truth Table (Digital Attenuator)
Control Inputs
C5
C4
C3
C2
C1
Attenuation
0
0
0
0
0
Reference
0
0
0
0
1
16 dB
0
0
0
1
0
1 dB
0
0
1
0
0
2 dB
0
1
0
0
0
4 dB
1
0
0
0
0
8 dB
1
1
1
1
31 dB
1
0 = TTL Low; 1 = TTL High
Absolute Maximum Ratings 5,6
Parameter
Absolute Maximum
Max Input Power
DC - 3.0 GHz
+26 dBm
VCC
-0.5V ≤ VCC ≤ +7.0V
VEE
-8.5V ≤ VEE ≤ +0.5V
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
VCC - VEE
-0.5V ≤ VCC - VEE ≤ 14.5V
VIN
7
-0.5V ≤ Vin ≤ VCC + 0.5V
5.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
6.
M/A-COM Technology does not recommend sustained
operation near these survivability limits.
7.
Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
Testing Condition
Ton
Trise
Ref. State ↔ 1 dB
3.6
3.6
Ref. State ↔ 2 dB
3.6
3.6
Ref. State ↔ 4 dB
3.7
3.7
Ref. State ↔ 8 dB
3.3
3.3
Ref. State ↔ 16 dB
4.5
4.5
Ref. State ↔ 31 dB
30.5
30.5
Units
μs
μs
μs
μs
μs
μs
Typical Switching Speed (table 1)
8. IP2 and IP3 are measured with two-tone inputs F1 and F2 up to +5 dBm with 1 MHz spacing.
Attenuation
IP2
IP3
50 MHz
500 MHz
2 GHz
50 MHz
500 MHz
2 GHz
Reference State
50
68
70
39
43
42
dBm
1 dB
50
68
70
39
43
37
dBm
2 dB
50
68
70
39
43
37
dBm
4 dB
50
68
70
37
37
37
dBm
8 dB
50
68
70
37
37
37
dBm
16 dB
50
68
65
31
32
32
dBm
31 dB
50
50
50
31
30
29
dBm
Units
Typical Input IP2 and IP38
Recommended PCB Configuration


Similar Part No. - MAAD-009194-000100-V2_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-009194-000100-V2 MA-COM-MAAD-009194-000100-V2 Datasheet
293Kb / 8P
   Constant Phase Digital Attenuator
More results

Similar Description - MAAD-009194-000100-V2_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-009194-000100_V2 MA-COM-MAAD-009194-000100_V2 Datasheet
293Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009195-000100 MA-COM-MAAD-009195-000100_15 Datasheet
218Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009195-000100 MA-COM-MAAD-009195-000100 Datasheet
218Kb / 8P
   Constant Phase Digital Attenuator
MAAD-008790 MA-COM-MAAD-008790_15 Datasheet
861Kb / 9P
   Digital Attenuator, Constant Phase
MAAD-009260-000100 MA-COM-MAAD-009260-000100 Datasheet
177Kb / 6P
   Constant Phase Digital Attenuator
MAAD-008790 MA-COM-MAAD-008790 Datasheet
861Kb / 9P
   Digital Attenuator, Constant Phase
MAAD-009260-000100 MA-COM-MAAD-009260-000100_15 Datasheet
177Kb / 6P
   Constant Phase Digital Attenuator
MAAD-009194-000100-V2 MA-COM-MAAD-009194-000100-V2 Datasheet
293Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009170-000100 MA-COM-MAAD-009170-000100 Datasheet
234Kb / 8P
   Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
MAAD-009194-000100 MA-COM-MAAD-009194-000100 Datasheet
223Kb / 9P
   Constant Phase Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com