Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAADSS0019 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAADSS0019
Description  Digital Attenuator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAADSS0019 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAADSS0019_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAADSS0019_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAADSS0019_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAADSS0019_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Digital Attenuator, 4-Bit, Single Control
15 dB, 2.0 - 6.0 GHz
Rev. V1
MAADSS0019
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Integrated e/d Logic on chip
• Positive Single Control
• Insertion Loss 1.9 dB @ 6.0 GHz
• IP3: 42 dBm typical @ 2.0 GHz
• 1 dB Attenuation Steps to 15 dB
• Lead-Free 3 mm 16-Lead PQFN Package
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Re-flow Compatible
Description
M/A-COM’s MAADSS0019 is a 4-bit, 1-dB step
GaAs MMIC digital attenuator in a lead-free 3mm 16
lead PQFN surface mount plastic package. The
MAADSS0019 is ideally suited for use where high
accuracy, very low power consumption and low
intermodulation
products
are
required.
Typical
applications include radio, cellular, wireless LANs,
GPS equipment and other gain / level control
circuits.
The MADSS0019 is part of a digital attenuator
family. This family includes 4, 5 and 6 bit attenuators
with 0.5, 1 or 2 dB steps and up to 31.5 range.
Functional Schematic 3
3. Blocking capacitors are required on all RF ports
Pin Configuration
Ordering Information 1,2
Part Number
Package
MAADSS0019TR-3000
3000 piece reel
MAADSS0019SMB
Sample Board
2.0 - 6.0 GHz Tuning
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Pin No.
Function
Pin No.
Function
1
Ground
9
RF In/Out
2
Ground
10
Ground
3
RF In/Out
11
VDD
4
Ground
12
Ground
5
Ground
13
V8 (8dB Bit)
6
Ground
14
V4 (4dB Bit)
7
Ground
15
V2 (2dB Bit)
8
Ground
16
V1 (1dB Bit)
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.


Similar Part No. - MAADSS0019_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0019SMB MA-COM-MAADSS0019SMB Datasheet
131Kb / 4P
   Digital Attenuator, 4-Bit, Single Control 15 dB, 2.0 - 6.0 GHz
MAADSS0019TR-3000 MA-COM-MAADSS0019TR-3000 Datasheet
131Kb / 4P
   Digital Attenuator, 4-Bit, Single Control 15 dB, 2.0 - 6.0 GHz
More results

Similar Description - MAADSS0019_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-233-PIN MA-COM-AT-233-PIN_15 Datasheet
122Kb / 4P
   Digital Attenuator
MAAD-007083-000100 MA-COM-MAAD-007083-000100_15 Datasheet
147Kb / 4P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012_15 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0016 MA-COM-MAATSS0016_15 Datasheet
121Kb / 4P
   Digital Attenuator
MAAD-007086 MA-COM-MAAD-007086_15 Datasheet
719Kb / 7P
   Digital Attenuator
MAAD-011021 MA-COM-MAAD-011021 Datasheet
944Kb / 8P
   Digital Attenuator
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
   Digital Attenuator
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
   Digital Attenuator
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
   Digital Attenuator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com