Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA-254CS-M Datasheet(PDF) 2 Page - Tensility International Corp.

Part # CA-254CS-M
Description  Cable, 1830 mm, 4C 2.5mm 50-00006 plug with metal ring to same, 26 AWG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

CA-254CS-M Datasheet(HTML) 2 Page - Tensility International Corp.

  CA-254CS-M Datasheet HTML 1Page - Tensility International Corp. CA-254CS-M Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
part number:
description:
date:
rev:
page:
May 6, 2014
A3
CA-254CS-M/M
Cable, 1830 mm, 4C 2.5mm 50-00006 plug
with metal ring to same, 26 AWG
2 of 2
Spec sign-off verifies that you have reviewed the entire specification, tested a sample of the product, and confirm that it meets your
requirements. This specification reflects the part as it will be ordered. Orders will not be processed until the specification pages have
been initialed and the approval page has been signed. This specification is confidential and is not to be transmitted without prior
approval from Tensility.
Signature
Title
Name
Date
Company
Branch
Specification Approval
Revision notes:
Rev
Date
Description
A
January 19, 2009
Re-issue; original specification issued by CUI, re-issued by Tensility without any
material or mechanical changes.
A1
May 11, 2009
added Tensility P/N 50-00006 to specification
A2
August 30, 2011
updated description and part number information
A3
May 6, 2014
updated description


Similar Part No. - CA-254CS-M

ManufacturerPart #DatasheetDescription
logo
Tensility International...
CA-254CS-M/M TENSILITY-CA-254CS-M/M Datasheet
55Kb / 2P
   Cable, 4 conductor, 2.5 mm plug to 2.5 mm plug, with ring, 6 feet, shielded, 26 AWG
CA-254CS-MM TENSILITY-CA-254CS-MM Datasheet
55Kb / 2P
   Cable, 4 conductor, 2.5 mm plug to 2.5 mm plug, with ring, 6 feet, shielded, 26 AWG
More results

Similar Description - CA-254CS-M

ManufacturerPart #DatasheetDescription
logo
Tensility International...
10-00340 TENSILITY-10-00340 Datasheet
131Kb / 2P
   Cable, 1830 mm, 2.5 mm 4C 50-00007 slim audio plug to stripped tinned, 28 AWG, shielded
CA-254S-MM TENSILITY-CA-254S-MM Datasheet
160Kb / 2P
   Cable, 4 conductor, 2.5mm plug to 2.5 mm plug, no ring, 6 feet, shielded, 26 AWG
10-00331 TENSILITY-10-00331 Datasheet
77Kb / 2P
   Cable, 1830 mm, 2.5 mm 4C 50-00081 slim audio plug to stripped tinned, 28 AWG, shielded, white
10-00332 TENSILITY-10-00332 Datasheet
77Kb / 2P
   Cable, 1830 mm, 3.5 mm 4C 50-00082 slim audio plug to stripped tinned, 28 AWG, shielded, white
10-00446 TENSILITY-10-00446 Datasheet
462Kb / 2P
   Cable, 1830 mm, 13P DIN female 50-00183, to stripped tinned, 26 AWG
10-00439 TENSILITY-10-00439 Datasheet
434Kb / 2P
   Cable, 1830 mm, 13P DIN male 50-00176, to stripped tinned, 26 AWG
10-00526 TENSILITY-10-00526 Datasheet
410Kb / 2P
   Cable, 1830 mm, 4P 90째 DIN male 50-00171, to stripped tinned, 26 AWG
10-00532 TENSILITY-10-00532 Datasheet
415Kb / 2P
   Cable, 1830 mm, 3P 90 DIN female 50-00177, to stripped tinned, 26 AWG
10-00432 TENSILITY-10-00432 Datasheet
401Kb / 2P
   Cable, 1830 mm, 9P mini-DIN female 50-00169, to stripped tinned, 26 AWG
10-00525 TENSILITY-10-00525 Datasheet
406Kb / 2P
   Cable, 1830 mm, 3P 90째 DIN male 50-00170, to stripped tinned, 26 AWG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com