Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANTX2N6800 Datasheet(PDF) 3 Page - International Rectifier

Part # JANTX2N6800
Description  POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=1.0ohm, Id=3.0A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANTX2N6800 Datasheet(HTML) 3 Page - International Rectifier

  JANTX2N6800 Datasheet HTML 1Page - International Rectifier JANTX2N6800 Datasheet HTML 2Page - International Rectifier JANTX2N6800 Datasheet HTML 3Page - International Rectifier JANTX2N6800 Datasheet HTML 4Page - International Rectifier JANTX2N6800 Datasheet HTML 5Page - International Rectifier JANTX2N6800 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Fig. 1 — Typical Output Characteristics
TC = 25°C
Fig. 2 — Typical Output Characteristics
TC = 150°C
Fig. 3 — Typical Transfer Characteristics
Fig. 4 — Normalized On-Resistance Vs.Temperature
Fig. 5 — Typical Capacitance Vs. Drain-to-Source
Voltage
Fig. 6 — Typical Gate Charge Vs. Gate-to-Source
Voltage
JANTX2N6800, JANTXV2N6800 Device
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - JANTX2N6800

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JANTX2N6800 ETC2-JANTX2N6800 Datasheet
47Kb / 5P
   100 V, 200 V, 400 V & 500 V, N-Channel, Enhancement Mode MOSFET Power Transistor
logo
International Rectifier
JANTX2N6800 IRF-JANTX2N6800 Datasheet
196Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6800U IRF-JANTX2N6800U Datasheet
133Kb / 8P
   REPETITIVE AVALANCHE AND dv/dt RATED
JANTX2N6800 IRF-JANTX2N6800_15 Datasheet
196Kb / 7P
   Repetitive Avalanche Ratings
More results

Similar Description - JANTX2N6800

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTX2N6760 IRF-JANTX2N6760 Datasheet
234Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=1.00ohm, Id=5.5A)
JANTX2N6786 IRF-JANTX2N6786 Datasheet
230Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=3.6ohm, Id=1.25A)
IRC730 IRF-IRC730 Datasheet
223Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=1.0ohm, Id=5.5A)
IRFY340CM IRF-IRFY340CM Datasheet
275Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=0.55ohm, Id=8.7A)
IRFN340 IRF-IRFN340 Datasheet
211Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=0.55ohm, Id=10A)
IRFN350 IRF-IRFN350 Datasheet
212Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=0.315ohm, Id=14A)
JANTX2N6768 IRF-JANTX2N6768 Datasheet
233Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=0.300ohm, Id=14A)
IRF1730G IRF-IRF1730G Datasheet
171Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=1.0ohm, Id=3.7A)
IRHM7360SE IRF-IRHM7360SE Datasheet
146Kb / 4P
   TRANSISTOR N-CHANNEL(BVdss=400V, Rds(on)=0.20ohm, Id=22A)
IRHI7360SE IRF-IRHI7360SE Datasheet
112Kb / 4P
   TRANSISTOR N-CHANNEL(BVdss=400V, Rds(on)=0.20ohm, Id=24.3A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com