Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANTXV2N6798 Datasheet(PDF) 5 Page - International Rectifier

Part # JANTXV2N6798
Description  POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.40ohm, Id=5.5A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANTXV2N6798 Datasheet(HTML) 5 Page - International Rectifier

  JANTXV2N6798 Datasheet HTML 1Page - International Rectifier JANTXV2N6798 Datasheet HTML 2Page - International Rectifier JANTXV2N6798 Datasheet HTML 3Page - International Rectifier JANTXV2N6798 Datasheet HTML 4Page - International Rectifier JANTXV2N6798 Datasheet HTML 5Page - International Rectifier JANTXV2N6798 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.irf.com
5
IRFF230
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b.
Switching Time Waveforms
VDS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
-VDD


Similar Part No. - JANTXV2N6798

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JANTXV2N6798 ETC2-JANTXV2N6798 Datasheet
47Kb / 5P
   100 V, 200 V, 400 V & 500 V, N-Channel, Enhancement Mode MOSFET Power Transistor
logo
International Rectifier
JANTXV2N6798 IRF-JANTXV2N6798 Datasheet
134Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-205AF)
JANTXV2N6798U IRF-JANTXV2N6798U Datasheet
201Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
More results

Similar Description - JANTXV2N6798

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTX2N6758 IRF-JANTX2N6758 Datasheet
236Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.40ohm, Id=9A)
IRHN7230 IRF-IRHN7230 Datasheet
513Kb / 14P
   TRANSISTOR N-CHANNEL(BVdss=200V, Rds(on)=0.40ohm, Id=9.0A)
JANTX2N6770 IRF-JANTX2N6770 Datasheet
230Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=500v, Rds(on)=0.40ohm, Id=12A)
JANTX2N6760 IRF-JANTX2N6760 Datasheet
234Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=1.00ohm, Id=5.5A)
IRFNG50 IRF-IRFNG50 Datasheet
213Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=1000V, Rds(on)=2.0ohm, Id=5.5A)
JANTX2N6790 IRF-JANTX2N6790 Datasheet
236Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.80ohm, Id=3.5A)
IRFY240CM IRF-IRFY240CM Datasheet
281Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.18ohm, Id=16A)
JANTX2N6766 IRF-JANTX2N6766 Datasheet
237Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.085ohm, Id=30A)
JANTX2N6784 IRF-JANTX2N6784 Datasheet
233Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=1.5ohm, Id=2.25A)
IRFN9240 IRF-IRFN9240 Datasheet
215Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=-200V, Rds(on)=0.51ohm, Id=-11A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com