Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4509 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TGA4509
Description  27 to 31 GHz 1W Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4509 Datasheet(HTML) 7 Page - TriQuint Semiconductor

  TGA4509 Datasheet HTML 1Page - TriQuint Semiconductor TGA4509 Datasheet HTML 2Page - TriQuint Semiconductor TGA4509 Datasheet HTML 3Page - TriQuint Semiconductor TGA4509 Datasheet HTML 4Page - TriQuint Semiconductor TGA4509 Datasheet HTML 5Page - TriQuint Semiconductor TGA4509 Datasheet HTML 6Page - TriQuint Semiconductor TGA4509 Datasheet HTML 7Page - TriQuint Semiconductor TGA4509 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994 8504 Web: www.triquint.com
Product Data Sheet
August 5, 2008
7
Mechanical Drawing
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should
be observed during handling, assembly and test.
TGA4509


Similar Part No. - TGA4509

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA4509 QORVO-TGA4509 Datasheet
284Kb / 8P
   Built-in Power Detector
logo
TriQuint Semiconductor
TGA4509-EPU TRIQUINT-TGA4509-EPU Datasheet
153Kb / 8P
   27 - 31 GHz 1W Power Amplifier
TGA4509-SM TRIQUINT-TGA4509-SM Datasheet
128Kb / 9P
   Ka-Band Packaged 1W PA
TGA4509-SM TRIQUINT-TGA4509-SM Datasheet
336Kb / 11P
   Ka-Band Packaged 1W PA
TGA4509-SM TRIQUINT-TGA4509-SM_15 Datasheet
336Kb / 11P
   Ka-Band Packaged 1W PA
More results

Similar Description - TGA4509

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4509-EPU TRIQUINT-TGA4509-EPU Datasheet
153Kb / 8P
   27 - 31 GHz 1W Power Amplifier
TGA2594-HM TRIQUINT-TGA2594-HM_15 Datasheet
967Kb / 13P
   27 to 31 GHz GaN Power Amplifier
logo
Qorvo, Inc
TGA2594-HM QORVO-TGA2594-HM Datasheet
786Kb / 15P
   27 ??31 GHz GaN Power Amplifier
logo
TriQuint Semiconductor
TGA4513 TRIQUINT-TGA4513_15 Datasheet
274Kb / 10P
   27 to 31 GHz 2W Balanced Power Amplifier
TGA4544-SM TRIQUINT-TGA4544-SM Datasheet
1Mb / 14P
   26 ??31 GHz 1W Power Amplifier
TGA1172 TRIQUINT-TGA1172 Datasheet
768Kb / 4P
   27 - 32 GHz 1W Power Amplifier
TGA1135B-SCC TRIQUINT-TGA1135B-SCC Datasheet
1Mb / 10P
   18-27 GHz 1W Power Amplifier
TGA1135B-SCC TRIQUINT-TGA1135B-SCC_15 Datasheet
930Kb / 10P
   18 27 GHz 1W Power Amplifier
TGA1172-SCC TRIQUINT-TGA1172-SCC Datasheet
329Kb / 8P
   27 - 32 GHz 1W Power Amplifier
TGA4513-CP TRIQUINT-TGA4513-CP Datasheet
162Kb / 10P
   27 - 31 GHz 2W Balanced Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com