Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4517 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGA4517
Description  Ka Band Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4517 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGA4517_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA4517_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA4517_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA4517_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA4517_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA4517_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA4517_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA4517_15 Datasheet HTML 10Page - TriQuint Semiconductor TGA4517_15 Datasheet HTML 11Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
TGA4517
May 2009 © Rev -
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
Chip Assembly Diagram
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should
be observed during handling, assembly and test.
.
RF In
RF Out
Vd
Vg
100 Ohm
10uF
0.01uF
0.01uF
0.01uF
0.01uF
0.01uF
0.01uF
1000pF
1000pF
1000pF
1000pF
1000pF
1000pF
1000pF
Vd


Similar Part No. - TGA4517_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4517-EPU TRIQUINT-TGA4517-EPU Datasheet
135Kb / 10P
   Ka-Band Power Amplifier
More results

Similar Description - TGA4517_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4517-EPU TRIQUINT-TGA4517-EPU Datasheet
135Kb / 10P
   Ka-Band Power Amplifier
TGA4517 TRIQUINT-TGA4517 Datasheet
130Kb / 10P
   Ka-Band Power Amplifier
logo
Eudyna Devices Inc
FMM5826X EUDYNA-FMM5826X Datasheet
413Kb / 13P
   Ka-Band Power Amplifier MMIC
logo
TriQuint Semiconductor
TGA4903-SM TRIQUINT-TGA4903-SM_15 Datasheet
1Mb / 14P
   Ka-Band Medium Power Amplifier
logo
Qorvo, Inc
TGA4516 QORVO-TGA4516 Datasheet
183Kb / 9P
   Ka Band 2W Power Amplifier
logo
TriQuint Semiconductor
TGA4516-TS TRIQUINT-TGA4516-TS_15 Datasheet
272Kb / 10P
   Ka-Band 2W Power Amplifier
TGA4514-EPU TRIQUINT-TGA4514-EPU Datasheet
224Kb / 11P
   Ka Band 2W Power Amplifier
logo
Eudyna Devices Inc
FMM5820QH EUDYNA-FMM5820QH Datasheet
376Kb / 14P
   Ka-Band Power Amplifier MMIC
FMM5820X EUDYNA-FMM5820X Datasheet
777Kb / 13P
   Ka-Band Power Amplifier MMIC
logo
TriQuint Semiconductor
TGA4516 TRIQUINT-TGA4516_15 Datasheet
183Kb / 9P
   Ka Band 2W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com