Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4532-SM Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA4532-SM
Description  K-Band Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4532-SM Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA4532-SM Datasheet HTML 1Page - TriQuint Semiconductor TGA4532-SM Datasheet HTML 2Page - TriQuint Semiconductor TGA4532-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA4532-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA4532-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA4532-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA4532-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA4532-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA4532-SM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TGA4532-SM
K-Band Power Amplifier
Preliminary Data Sheet: Rev E 04/27/2012
- 1 of 13 -
Disclaimer: Subject to change without notice
Applications
Point-to-Point Radio
K-band Sat-Com
QFN 4x4 mm 20L
Product Features
Functional Block Diagram
Frequency Range: 17.7 – 19.7 GHz
Power: 32.5 dBm Psat, 31 dBm P1dB
Gain: 23 dB
TOI: 41 dBm at 20 dBm/tone
NF: 7 dB
Integrated Power Detector
Bias: Vd = 6 V, Idq = 900 mA, Vg = -0.68 V
Typical
Package Dimensions: 4.0 x 4.0 x 0.85 mm
General Description
Pin Configuration
The TriQuint TGA4532-SM is a K-Band Power
Amplifier. The TGA4532-SM operates from 17.7 - 19.7
GHz and is designed using TriQuint’s power pHEMT
production process.
The TGA4532-SM typically provides 32.5 dBm of
saturated output power with small signal gain of 23 dB.
The TGA4532-SM is available in a low-cost, surface
mount 20 lead 4x4 QFN package and is ideally suited for
Point-to-Point Radio.
Lead-free and RoHS compliant
Evaluation Boards are available upon request.
Pin #
Symbol
1, 3, 4, 5, 6, 10, 11, 13,
14, 20
N/C
2
RF IN
7, 19
Vg
8, 18
GND
12
RF OUT
9, 17
Vd
15
Vdet
16
Vref
V
Ordering Information
Part No.
ECCN
Description
TGA4532-SM
3A001.b.2.c
K-Band Power Amplifier
Standard T/R size = 1000 pieces on a 7” reel.
18
2
5
4
3
67
8
1
20
19
14
10
9
11
12
13
16
17
15
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
`


Similar Part No. - TGA4532-SM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA4532-SM QORVO-TGA4532-SM Datasheet
530Kb / 12P
   K-Band Power Amplifier
More results

Similar Description - TGA4532-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4534-SM TRIQUINT-TGA4534-SM_15 Datasheet
748Kb / 15P
   K-Band Power Amplifier
TGA4536-SM TRIQUINT-TGA4536-SM_15 Datasheet
695Kb / 15P
   K-Band Power Amplifier
logo
Qorvo, Inc
TGA4532-SM QORVO-TGA4532-SM Datasheet
530Kb / 12P
   K-Band Power Amplifier
logo
TriQuint Semiconductor
TGA4533-SM TRIQUINT-TGA4533-SM_15 Datasheet
588Kb / 14P
   K-Band Power Amplifier
logo
Qorvo, Inc
TGA4533-SM QORVO-TGA4533-SM Datasheet
656Kb / 14P
   K-Band Power Amplifier
logo
TriQuint Semiconductor
TGA4535-SM TRIQUINT-TGA4535-SM_15 Datasheet
805Kb / 15P
   K-Band Power Amplifier
TGA4532 TRIQUINT-TGA4532_15 Datasheet
219Kb / 12P
   K-Band Power Amplifier
logo
Eudyna Devices Inc
ESM5832VU EUDYNA-ESM5832VU Datasheet
195Kb / 13P
   K-Band Power Amplifier MMIC
FMM5829X EUDYNA-FMM5829X Datasheet
259Kb / 14P
   K-Band Power Amplifier MMIC
logo
TriQuint Semiconductor
TGA4502-SCC TRIQUINT-TGA4502-SCC Datasheet
153Kb / 11P
   K Band High Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com