Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4533-SM Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # TGA4533-SM
Description  K-Band Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4533-SM Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button TGA4533-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA4533-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA4533-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA4533-SM Datasheet HTML 9Page - TriQuint Semiconductor TGA4533-SM Datasheet HTML 10Page - TriQuint Semiconductor TGA4533-SM Datasheet HTML 11Page - TriQuint Semiconductor TGA4533-SM Datasheet HTML 12Page - TriQuint Semiconductor TGA4533-SM Datasheet HTML 13Page - TriQuint Semiconductor TGA4533-SM Datasheet HTML 14Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TGA4533-SM
K-Band Power Amplifier
Data Sheet: Rev C 03/21/2013
- 11 of 14 -
Disclaimer: Subject to change without notice
© 2013 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Mechanical Information
Package Information and Dimensions
All dimensions are in millimeters.
This package is lead-free/RoHS-compliant. The package base is copper alloy and the plating material on the leads is NiPdAu. It
is compatible with both lead-free (maximum 260 °C reflow temperature) and tin-lead (maximum 245 °C reflow temperature)
soldering processes.
The TGA4533-SM will be marked with the “4533” designator and a lot code marked below the part designator. The “YY”
represents the last two digits of the year the part was manufactured, the “WW” is the work week, and the “XXXX” is an auto-
generated number.
4533
YYWW
XXXX


Similar Part No. - TGA4533-SM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA4533-SM QORVO-TGA4533-SM Datasheet
656Kb / 14P
   K-Band Power Amplifier
More results

Similar Description - TGA4533-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4532-SM TRIQUINT-TGA4532-SM_15 Datasheet
581Kb / 13P
   K-Band Power Amplifier
TGA4534-SM TRIQUINT-TGA4534-SM_15 Datasheet
748Kb / 15P
   K-Band Power Amplifier
TGA4536-SM TRIQUINT-TGA4536-SM_15 Datasheet
695Kb / 15P
   K-Band Power Amplifier
logo
Qorvo, Inc
TGA4532-SM QORVO-TGA4532-SM Datasheet
530Kb / 12P
   K-Band Power Amplifier
TGA4533-SM QORVO-TGA4533-SM Datasheet
656Kb / 14P
   K-Band Power Amplifier
logo
TriQuint Semiconductor
TGA4535-SM TRIQUINT-TGA4535-SM_15 Datasheet
805Kb / 15P
   K-Band Power Amplifier
TGA4532 TRIQUINT-TGA4532_15 Datasheet
219Kb / 12P
   K-Band Power Amplifier
logo
Eudyna Devices Inc
ESM5832VU EUDYNA-ESM5832VU Datasheet
195Kb / 13P
   K-Band Power Amplifier MMIC
FMM5829X EUDYNA-FMM5829X Datasheet
259Kb / 14P
   K-Band Power Amplifier MMIC
logo
TriQuint Semiconductor
TGA4502-SCC TRIQUINT-TGA4502-SCC Datasheet
153Kb / 11P
   K Band High Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com