Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4536-SM Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGA4536-SM
Description  K-Band Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4536-SM Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TGA4536-SM Datasheet HTML 2Page - TriQuint Semiconductor TGA4536-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA4536-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA4536-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA4536-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA4536-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA4536-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA4536-SM Datasheet HTML 9Page - TriQuint Semiconductor TGA4536-SM Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TGA4536-SM
K-Band Power Amplifier
Preliminary Datasheet: Rev A 8-13-14
- 6 of 15 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
0
5
10
15
20
25
30
18
19
20
21
22
23
24
25
26
27
28
29
30
Frequency (GHz)
Gain vs. Frequency vs. Bias
5 V1430 mA
6 V 1070 mA
6 V 1260 mA
6 V 1430 mA
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
22
22.5
23
23.5
24
24.5
25
25.5
26
26.5
Frequency (GHz)
Noise Figure vs. Frequency vs. Bias
6 V 1430 mA
6 V 1260 mA
6 V 1070 mA
5 V 1430 mA
28
29
30
31
32
33
34
35
36
22
23
24
25
26
27
28
Frequency (GHz)
P1dB vs. Frequency vs. Bias
6 V 1430 mA
6 V 1260 mA
6 V 1070 mA
5 V 1430 mA
28
29
30
31
32
33
34
35
36
22
23
24
25
26
27
28
Frequency (GHz)
Saturated Power vs. Frequency vs. Bias
6 V 1430 mA
6 V 1260 mA
6 V 1070 mA
5 V 1430 mA
36
37
38
39
40
41
42
43
44
45
46
22
23
24
25
26
27
28
Frequency (GHz)
Output TOI vs. Frequency vs. Bias
6 V 1430mA
6 V 1260mA
6 V 1070mA
5 V 1430mA
23 dBm Output Power / Tone
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
10
12
14
16
18
20
22
24
26
28
30
Output Power (dBm/Tone)
IM3 vs. Output Power / Tone vs. Bias
6 V 1430 mA
6 V 1260 mA
6 V 1070 mA
5 V 1430 mA
22.5 GHz
Typical Performance
Test conditions unless otherwise noted: Vd =+6 V, Vg = -0.7 V, Idq = 1430 mA, Temperature = +25 °C


Similar Part No. - TGA4536-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4530 TRIQUINT-TGA4530 Datasheet
275Kb / 12P
   K Band High Linearity Power Amplifier
TGA4530 TRIQUINT-TGA4530 Datasheet
326Kb / 12P
   K Band High Linearity Power Amplifier
TGA4530 TRIQUINT-TGA4530_15 Datasheet
326Kb / 12P
   K Band High Linearity Power Amplifier
TGA4531 TRIQUINT-TGA4531 Datasheet
677Kb / 15P
   K-Band High Linearity Power Amplifier
TGA4531 TRIQUINT-TGA4531_15 Datasheet
677Kb / 15P
   K-Band High Linearity Power Amplifier
More results

Similar Description - TGA4536-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4532-SM TRIQUINT-TGA4532-SM_15 Datasheet
581Kb / 13P
   K-Band Power Amplifier
TGA4534-SM TRIQUINT-TGA4534-SM_15 Datasheet
748Kb / 15P
   K-Band Power Amplifier
logo
Qorvo, Inc
TGA4532-SM QORVO-TGA4532-SM Datasheet
530Kb / 12P
   K-Band Power Amplifier
logo
TriQuint Semiconductor
TGA4533-SM TRIQUINT-TGA4533-SM_15 Datasheet
588Kb / 14P
   K-Band Power Amplifier
logo
Qorvo, Inc
TGA4533-SM QORVO-TGA4533-SM Datasheet
656Kb / 14P
   K-Band Power Amplifier
logo
TriQuint Semiconductor
TGA4535-SM TRIQUINT-TGA4535-SM_15 Datasheet
805Kb / 15P
   K-Band Power Amplifier
TGA4532 TRIQUINT-TGA4532_15 Datasheet
219Kb / 12P
   K-Band Power Amplifier
logo
Eudyna Devices Inc
ESM5832VU EUDYNA-ESM5832VU Datasheet
195Kb / 13P
   K-Band Power Amplifier MMIC
FMM5829X EUDYNA-FMM5829X Datasheet
259Kb / 14P
   K-Band Power Amplifier MMIC
logo
TriQuint Semiconductor
TGA4502-SCC TRIQUINT-TGA4502-SCC Datasheet
153Kb / 11P
   K Band High Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com