Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB3004 Datasheet(PDF) 3 Page - Unitpower Technology Limited

Part # UB3004
Description  N-Ch 30V Fast Switching MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

UB3004 Datasheet(HTML) 3 Page - Unitpower Technology Limited

  UB3004 Datasheet HTML 1Page - Unitpower Technology Limited UB3004 Datasheet HTML 2Page - Unitpower Technology Limited UB3004 Datasheet HTML 3Page - Unitpower Technology Limited UB3004 Datasheet HTML 4Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
N-Ch 30V Fast Switching MOSFETs
0
25
50
75
100
00.5
11.5
22.5
3
VDS , Drain-to-Source Voltage (V)
VGS=10V
VGS=7V
VGS=5V
VGS=4.5V
VGS=3V
0
3
6
9
12
0
0.3
0.6
0.9
1.2
VSD , Source-to-Drain Voltage (V)
TJ=25℃
TJ=150℃
0
2
4
6
8
10
0
6
12
18
24
30
QG , Total Gate Charge (nC)
ID=15A
VDS=24V
VDS=15V
0.2
0.6
1
1.4
1.8
-50
0
50
100
150
TJ ,Junction Temperature (℃ )
0.2
0.6
1.0
1.4
1.8
-50
0
50
100
150
TJ , Junction Temperature (℃)
Typical Characteristics
Fig.1 Typical Output Characteristics
Fig.2 On-Resistance vs. G-S Voltage
Fig.3 Forward Characteristics of Reverse
Fig.4 Gate-Charge Characteristics
Fig.5 Normalized VGS(th) vs. TJ
Fig.6 Normalized RDSON vs. TJ
UB3004


Similar Part No. - UB3004

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
UB300-18GM40-E4-V1 PF-UB300-18GM40-E4-V1 Datasheet
568Kb / 5P
   Ultrasonic sensor
UB300-18GM40-E5-V1 PF-UB300-18GM40-E5-V1 Datasheet
581Kb / 5P
   Ultrasonic sensor
UB300-18GM40-I-V1 PF-UB300-18GM40-I-V1 Datasheet
577Kb / 5P
   Ultrasonic sensor
UB300-18GM40-U-V1 PF-UB300-18GM40-U-V1 Datasheet
567Kb / 5P
   Ultrasonic sensor
UB300-18GM40A-E4-V1 PF-UB300-18GM40A-E4-V1 Datasheet
601Kb / 5P
   Ultrasonic sensor
More results

Similar Description - UB3004

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD3006 XINDEYI-UD3006 Datasheet
686Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
UD3010 XINDEYI-UD3010 Datasheet
716Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UD3004 UNITPOWER-UD3004 Datasheet
709Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
UD3008 UNITPOWER-UD3008 Datasheet
727Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
logo
uPI Group Inc.
QM3016M6 UPI-QM3016M6 Datasheet
184Kb / 4P
   N-ch 30V Fast Switching MOSFETs
QM3024M3 UPI-QM3024M3 Datasheet
210Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
QM3052M6 UPI-QM3052M6 Datasheet
228Kb / 5P
   N-Ch 30V Fast Switching MOSFETs
QM3010D UPI-QM3010D Datasheet
236Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKN3502 PACELEADER-PKN3502 Datasheet
1Mb / 5P
   N-Ch 30V Fast Switching MOSFETs
logo
uPI Group Inc.
QM3014M3 UPI-QM3014M3 Datasheet
222Kb / 4P
   N-Ch 30V Fast Switching MOSFETs
logo
KODENSHI_AUK CORP.
SNN3530NL KODENSHI-SNN3530NL Datasheet
511Kb / 8P
   N-ch 30V Fast Switching MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com