Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4541-SM Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TGA4541-SM
Description  Ka Band Variable Gain Driver Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4541-SM Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TGA4541-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA4541-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA4541-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA4541-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA4541-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA4541-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA4541-SM Datasheet HTML 9Page - TriQuint Semiconductor TGA4541-SM Datasheet HTML 10Page - TriQuint Semiconductor TGA4541-SM Datasheet HTML 11Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TGA4541-SM
Ka-Band Variable Gain Driver Amplifier
Datasheet: Rev A 08-30-13
-
7 of 14 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Application Circuit
Bias-up Procedure
Bias-down Procedure
Set Vg to -1.5 V
Turn off RF supply
Set Vd1 to 5 V
Reduce Vg to -1.5 V
Set Vd2+Vd3 to 5 V
Set Vc to 0 V
Set Vc to -1.00 V
Reduce Vd2+Vd3 to 0 V
Adjust Vg more positive until quiescent Id2+Id3 = 270 mA,
Id1 = 60 mA, Vg ~ -0.7 V typical
Reduce Vd1 to 0 V
Apply RF signal
Vd1 and Vd2+Vd3 should be separately monitored.
Vd2 + Vd3
Vc
Vg
Vd1
RF Input
RF Output
4541
YYWW
XXXX


Similar Part No. - TGA4541-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4541-SM TRIQUINT-TGA4541-SM Datasheet
847Kb / 14P
   Ka-Band Variable Gain Driver Amplifier
More results

Similar Description - TGA4541-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4541-SM TRIQUINT-TGA4541-SM Datasheet
847Kb / 14P
   Ka-Band Variable Gain Driver Amplifier
logo
WJ Communication. Inc.
VG101 WJCI-VG101 Datasheet
512Kb / 5P
   Cellular-band Variable Gain Amplifier
logo
Analog Devices
HMC8120 AD-HMC8120 Datasheet
360Kb / 16P
   E-Band Variable Gain Amplifier
HMC8121 AD-HMC8121 Datasheet
343Kb / 16P
   E-Band Variable Gain Amplifier
logo
TriQuint Semiconductor
TGA4512-SM TRIQUINT-TGA4512-SM_15 Datasheet
670Kb / 13P
   Ka-Band Driver Amplifier
logo
WJ Communication. Inc.
VG111 WJCI-VG111_07 Datasheet
370Kb / 6P
   PCS/UMTS-band Variable Gain Amplifier
VG111 WJCI-VG111 Datasheet
601Kb / 7P
   PCS/UMTS-band Variable Gain Amplifier
VG112 WJCI-VG112 Datasheet
277Kb / 4P
   PCS/UMTS-band Variable Gain Amplifier
VG112 WJCI-VG112_06 Datasheet
341Kb / 5P
   PCS/UMTS-band Variable Gain Amplifier
logo
TriQuint Semiconductor
TGA4510-EPU TRIQUINT-TGA4510-EPU Datasheet
166Kb / 9P
   Ka-band Compact Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com