Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2466 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2466
Description  STMPE801 - Hardware Interface guide
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2466 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2466 Datasheet HTML 1Page - STMicroelectronics AN2466 Datasheet HTML 2Page - STMicroelectronics AN2466 Datasheet HTML 3Page - STMicroelectronics AN2466 Datasheet HTML 4Page - STMicroelectronics AN2466 Datasheet HTML 5Page - STMicroelectronics AN2466 Datasheet HTML 6Page - STMicroelectronics AN2466 Datasheet HTML 7Page - STMicroelectronics AN2466 Datasheet HTML 8Page - STMicroelectronics AN2466 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AN2466
Pin description of STMPE801
5/13
2.1
Power Supply - VCC and VIO
The STMPE801 device operates on two different power supplies, VCC and VIO. Both VCC
and VIO can function in the range of 1.65 V to 3.6 V. This enables a variety of devices to
interface directly to the device without a level translator block.
Proper decoupling capacitors should be used to filter out the Power supply noise. There are
some critical points to be noted to ensure proper functioning of the device as listed below:
VCC pin supplies the I2C lines and ADDRESS pin.
All other pins are connected to the VIO supply.
At any time, to conserve power, the VCC can be turned off if there is no I2C activity
but at no point, should the VIO be turned off while the VCC is ON.
The VIO should always be
≥VCC
2.2
I2C Interface
The port expander STMPE801 can be controlled with just the two I2C lines. All internal
registers can be accessed through this I2C interface. The I2C interface features are as given
below:
–I2C Slave device
Operates on the VCC supply (1.65 V to 3.6 V)
Compliant to Philip I2C specification version 2.1
Supports standard (up to 100kbps) and fast (up to 400kbps) modes.
7-bit addressing mode supported.
General call
Up to two STMPE801 devices can be connected on the same I2C bus
The slave address is selected by the state of the ADDRESS pin. The address is read every
time the I2C transaction occurs. This implies the slave address of the device can be
changed on the fly without any need for latching the address into the device at reset.
15
GPIO_6
IO
GPIO
16
GPIO_7
IO
GPIO
Table 1.
STMPE801 Pin description (continued)
Pin
Name
Type
Description


Similar Part No. - AN2466

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN246 PHILIPS-AN246 Datasheet
216Kb / 13P
   Transmission lines and terminations with Philips Advanced Logic families
February 1998
logo
Freescale Semiconductor...
AN2467 FREESCALE-AN2467 Datasheet
8Mb / 2P
   Dual 6.0 m high-side switch
AN2467 FREESCALE-AN2467 Datasheet
8Mb / 2P
   Dual 10 m high-side switch
AN2467 FREESCALE-AN2467 Datasheet
8Mb / 2P
   Dual 16 mOhm High-Side Switch
AN2467 FREESCALE-AN2467 Datasheet
626Kb / 4P
   Dual 24 V, 6.0 mOhm High Side Switch
More results

Similar Description - AN2466

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3299 STMICROELECTRONICS-AN3299 Datasheet
223Kb / 13P
   A hardware and software guide for the STMPE801
logo
Laird Tech Smart Techno...
SDC-MSD30AG LSTD-SDC-MSD30AG Datasheet
1Mb / 26P
   HARDWARE INTEGRATION GUIDE
logo
Texas Instruments
1325652 TI-1325652 Datasheet
6Mb / 138P
[Old version datasheet]   MSP430 Hardware Tools User Guide
logo
List of Unclassifed Man...
MX150 ETC1-MX150 Datasheet
2Mb / 145P
   Universal Routing Platform Hardware Guide
logo
STMicroelectronics
AN2491 STMICROELECTRONICS-AN2491 Datasheet
154Kb / 32P
   STW8110x hardware component layer API guide
logo
Microchip Technology
PIC16F18446 MICROCHIP-PIC16F18446 Datasheet
2Mb / 26P
   PIC16F18446 Curiosity Nano Hardware User Guide
2018
ATTINY1627 MICROCHIP-ATTINY1627 Datasheet
2Mb / 39P
   ATtiny1627 Curiosity Nano Hardware User Guide
A 04/2020
ATMEGA4809 MICROCHIP-ATMEGA4809 Datasheet
2Mb / 28P
   ATmega4809 Curiosity Nano Hardware User Guide
2018
logo
List of Unclassifed Man...
AWP24S ETC2-AWP24S Datasheet
376Kb / 23P
   HARDWARE DESIGN GUIDE FOR ARTAFLEX WIRELESS MODULES
logo
ATMEL Corporation
T90FJR ATMEL-T90FJR Datasheet
617Kb / 41P
   Dual Common Interface Hardware Controller- CIMax
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com