Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2747 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2747
Description  250 W HID metal halide electronic ballast
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2747 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2747 Datasheet HTML 3Page - STMicroelectronics AN2747 Datasheet HTML 4Page - STMicroelectronics AN2747 Datasheet HTML 5Page - STMicroelectronics AN2747 Datasheet HTML 6Page - STMicroelectronics AN2747 Datasheet HTML 7Page - STMicroelectronics AN2747 Datasheet HTML 8Page - STMicroelectronics AN2747 Datasheet HTML 9Page - STMicroelectronics AN2747 Datasheet HTML 10Page - STMicroelectronics AN2747 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
AN2747
Lamp description
7/44
Figure 6.
Instantaneous lamp power with sinusoidal and square waveforms
For ideal square waveforms, the instant power delivered to the lamp is constant and not
modulated by any frequency. This driving plus the low frequency driving allows obtaining a
system that is immune to the problem of acoustic resonance.
For this reason HID lamp applications using square wave current techniques are the best
solution.
1.1
Lamp phases
1.1.1
Ignition phase
The ignition voltage for HID lamps is higher with respect to the mains voltage. The peak
voltage value to initiate the discharge is very high. Typically this is about 3 kV ÷ 5 kV.
The voltage level at which an HID lamp ignites is called "ignition voltage". This voltage level
is referred to the lamp when it is cold but this value increases with lamp temperature.
To ensure immediate HID lamp restart, called “hot restrike”, very high re-ignition peaks are
necessary (about 20 kV).
Standard luminaries are not designed for hot restrike voltages. For this reason in order to
obtain hot lamp re-ignition, several minutes must elapse for the lamp to cool. The restart
time depends on lamp temperature.
1.1.2
Warm-up
When the discharge has been initiated by the starting gas and the lamp still does not burn
properly, a warm-up time is required.
During the warm-up time the gas temperature increases, increasing the light output. The
lamp voltage starts approximately from a quarter of Vlamp and increases up to Vlamp.
Instantaneous Power
Voltage
Current
Instantaneous Power
Voltage
Current


Similar Part No. - AN2747

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN274 ETC2-AN274 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
STMicroelectronics
AN2744 STMICROELECTRONICS-AN2744 Datasheet
2Mb / 56P
   ST7538Q power line FSK transceiver
logo
List of Unclassifed Man...
AN2748 ETC-AN2748 Datasheet
883Kb / 40P
   Genesi Pegasos II Kernel and NFS Facility
More results

Similar Description - AN2747

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILH004V1 STMICROELECTRONICS-STEVAL-ILH004V1 Datasheet
141Kb / 6P
   70 W electronic ballast for metal halide lamp (HID) based on the L6382D5 and ST7FLITE49K2
logo
Molex Electronics Ltd.
130114-0004 MOLEX11-130114-0004 Datasheet
23Kb / 1P
   Ballast 70W Metal Halide
logo
alpha microelectronics ...
AMG-LM302 ALPHA-MICRO-AMG-LM302 Datasheet
754Kb / 23P
   Ballast Controller for Metal Halide Lamps
logo
STMicroelectronics
STEVAL-ILH005V2 STMICROELECTRONICS-STEVAL-ILH005V2 Datasheet
754Kb / 6P
   150 W electronic ballast for HID lamps based on the L6562A and ST7LITE39F2
logo
International Rectifier
IRS2573D IRF-IRS2573D Datasheet
496Kb / 28P
   HID BALLAST CONTROL IC
IRS2573DSPBF IRF-IRS2573DSPBF_15 Datasheet
496Kb / 28P
   HID BALLAST CONTROL IC
logo
List of Unclassifed Man...
M3912CK-3EU ETC-M3912CK-3EU Datasheet
251Kb / 2P
   Metal Halide Electronic Ballasts for 39 Watt Lamps
logo
STMicroelectronics
AN3372 STMICROELECTRONICS-AN3372 Datasheet
1Mb / 37P
   This note describes digital ballast for 70 W HID lamps
logo
JILIN SINO-MICROELECTRO...
JCS6N70CC JSMC-JCS6N70CC Datasheet
2Mb / 21P
   Electronic ballast
JCS6N70BC JSMC-JCS6N70BC Datasheet
2Mb / 21P
   Electronic ballast
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com