Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2747 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2747
Description  250 W HID metal halide electronic ballast
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2747 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2747 Datasheet HTML 6Page - STMicroelectronics AN2747 Datasheet HTML 7Page - STMicroelectronics AN2747 Datasheet HTML 8Page - STMicroelectronics AN2747 Datasheet HTML 9Page - STMicroelectronics AN2747 Datasheet HTML 10Page - STMicroelectronics AN2747 Datasheet HTML 11Page - STMicroelectronics AN2747 Datasheet HTML 12Page - STMicroelectronics AN2747 Datasheet HTML 13Page - STMicroelectronics AN2747 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
General circuit description
AN2747
10/44
Equation 1
where
VL= lamp voltage
Vdc = DC bus voltage
Vlamp = lamp voltage
b)
When the high side device H1 is switched OFF, the current flows in the low side
devices. The freewheeling diode integrated in the low side device IGBT L1
operates at high frequency with duty cycle 1-D (see Figure 10).
Figure 10.
Inductor current during discharge phase
The voltage across the inductor is:
Equation 2
The current through L decreases linearly. This circuit is actually a synchronous rectifier buck
converter. To minimize the current ripple through the lamp, the circuit operates in continuous
conduction mode (CCM) with fixed frequency.
The circuit operates in mode A and B complementarily in low frequency supplying the lamp
with square wave alternate current.
2.2
Lamp power management
The lamp power is obtained by multiplying the lamp voltage signal and the lamp current.
The lamp voltage is sensed directly across the lamp while the lamp current is obtained using
the relation given below. In continuous mode the lamp current is coincident with average
buck coil current. Starting from peak inductor current the average value is:
Equation 3
V
L
V
dc
V
lamp
=
Lamp
H2
H1
L2
L1
DC Bus
OFF
ON
I
L
V
L
V
lamp
=
I
lamp
I
AV
I
peak
I
2
-----
=
=


Similar Part No. - AN2747

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN274 ETC2-AN274 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
STMicroelectronics
AN2744 STMICROELECTRONICS-AN2744 Datasheet
2Mb / 56P
   ST7538Q power line FSK transceiver
logo
List of Unclassifed Man...
AN2748 ETC-AN2748 Datasheet
883Kb / 40P
   Genesi Pegasos II Kernel and NFS Facility
More results

Similar Description - AN2747

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILH004V1 STMICROELECTRONICS-STEVAL-ILH004V1 Datasheet
141Kb / 6P
   70 W electronic ballast for metal halide lamp (HID) based on the L6382D5 and ST7FLITE49K2
logo
Molex Electronics Ltd.
130114-0004 MOLEX11-130114-0004 Datasheet
23Kb / 1P
   Ballast 70W Metal Halide
logo
alpha microelectronics ...
AMG-LM302 ALPHA-MICRO-AMG-LM302 Datasheet
754Kb / 23P
   Ballast Controller for Metal Halide Lamps
logo
STMicroelectronics
STEVAL-ILH005V2 STMICROELECTRONICS-STEVAL-ILH005V2 Datasheet
754Kb / 6P
   150 W electronic ballast for HID lamps based on the L6562A and ST7LITE39F2
logo
International Rectifier
IRS2573D IRF-IRS2573D Datasheet
496Kb / 28P
   HID BALLAST CONTROL IC
IRS2573DSPBF IRF-IRS2573DSPBF_15 Datasheet
496Kb / 28P
   HID BALLAST CONTROL IC
logo
List of Unclassifed Man...
M3912CK-3EU ETC-M3912CK-3EU Datasheet
251Kb / 2P
   Metal Halide Electronic Ballasts for 39 Watt Lamps
logo
STMicroelectronics
AN3372 STMICROELECTRONICS-AN3372 Datasheet
1Mb / 37P
   This note describes digital ballast for 70 W HID lamps
logo
JILIN SINO-MICROELECTRO...
JCS6N70CC JSMC-JCS6N70CC Datasheet
2Mb / 21P
   Electronic ballast
JCS6N70BC JSMC-JCS6N70BC Datasheet
2Mb / 21P
   Electronic ballast
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com