Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4902-SM Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA4902-SM
Description  Ka Band Packaged MPA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4902-SM Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA4902-SM_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA4902-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA4902-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA4902-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA4902-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA4902-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA4902-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA4902-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA4902-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
TGA4902-SM
April 2012 © Rev C
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
TABLE II
ELECTRICAL CHARACTERISTICS
(Ta = 25 0C, Nominal)
PARAMETER
TYPICAL
UNITS
Frequency Range
25 - 35
GHz
Drain Operating
6
V
Quiescent Current
220
mA
Small Signal Gain
18
dB
Input Return Loss
15
dB
Output Return Loss
10
dB
Output Power @ 1 dB Compression Gain
25
dBm
Temperature Coefficient
-0.017
dB/
0C


Similar Part No. - TGA4902-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4902-SM TRIQUINT-TGA4902-SM Datasheet
171Kb / 9P
   Ka-Band Packaged MPA
More results

Similar Description - TGA4902-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4902-SM TRIQUINT-TGA4902-SM Datasheet
171Kb / 9P
   Ka-Band Packaged MPA
TGA4509-SM TRIQUINT-TGA4509-SM Datasheet
128Kb / 9P
   Ka-Band Packaged 1W PA
TGA4509-SM TRIQUINT-TGA4509-SM_15 Datasheet
336Kb / 11P
   Ka-Band Packaged 1W PA
TGA4905-CP TRIQUINT-TGA4905-CP Datasheet
113Kb / 9P
   4 Watt Ka Band Packaged Amplifier
TGA4906-SM TRIQUINT-TGA4906-SM Datasheet
503Kb / 13P
   4 Watt Ka-Band Packaged HPA
TGA4901-EPU-CP TRIQUINT-TGA4901-EPU-CP Datasheet
245Kb / 10P
   3 Watt Ka Band Packaged Amplifier
TGA4905-CP TRIQUINT-TGA4905-CP_15 Datasheet
407Kb / 10P
   4 Watt Ka Band Packaged Amplifier
logo
United Monolithic Semic...
CHU2277A98F UMS-CHU2277A98F_15 Datasheet
549Kb / 12P
   W-band Multifunction: Multiplier / MPA
CHU3377 UMS-CHU3377_15 Datasheet
125Kb / 4P
   W-band Multifunction: Multiplier / MPA
logo
TriQuint Semiconductor
TGA4915-EPU-CP TRIQUINT-TGA4915-EPU-CP Datasheet
137Kb / 8P
   7 W Ka Band Packaged Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com