Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4903-SM Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGA4903-SM
Description  Ka-Band Medium Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4903-SM Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGA4903-SM_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA4903-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA4903-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA4903-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA4903-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA4903-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA4903-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA4903-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA4903-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
TGA4903-SM
April 2012 © Rev A
Measured Data
Bias conditions: Vd = 5 V, Id = 170 mA, Vg = -0.6 V Typical


Similar Part No. - TGA4903-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4901-EPU-CP TRIQUINT-TGA4901-EPU-CP Datasheet
245Kb / 10P
   3 Watt Ka Band Packaged Amplifier
TGA4902-SM TRIQUINT-TGA4902-SM Datasheet
171Kb / 9P
   Ka-Band Packaged MPA
TGA4902-SM TRIQUINT-TGA4902-SM Datasheet
399Kb / 10P
   Ka Band Packaged MPA
TGA4902-SM TRIQUINT-TGA4902-SM_15 Datasheet
399Kb / 10P
   Ka Band Packaged MPA
TGA4905-CP TRIQUINT-TGA4905-CP Datasheet
113Kb / 9P
   4 Watt Ka Band Packaged Amplifier
More results

Similar Description - TGA4903-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4517-EPU TRIQUINT-TGA4517-EPU Datasheet
135Kb / 10P
   Ka-Band Power Amplifier
TGA4517 TRIQUINT-TGA4517 Datasheet
130Kb / 10P
   Ka-Band Power Amplifier
TGA4517 TRIQUINT-TGA4517_15 Datasheet
411Kb / 11P
   Ka Band Power Amplifier
logo
Eudyna Devices Inc
FMM5826X EUDYNA-FMM5826X Datasheet
413Kb / 13P
   Ka-Band Power Amplifier MMIC
logo
Qorvo, Inc
TGA4516 QORVO-TGA4516 Datasheet
183Kb / 9P
   Ka Band 2W Power Amplifier
logo
TriQuint Semiconductor
TGA4516-TS TRIQUINT-TGA4516-TS_15 Datasheet
272Kb / 10P
   Ka-Band 2W Power Amplifier
TGA4514-EPU TRIQUINT-TGA4514-EPU Datasheet
224Kb / 11P
   Ka Band 2W Power Amplifier
logo
Eudyna Devices Inc
FMM5820QH EUDYNA-FMM5820QH Datasheet
376Kb / 14P
   Ka-Band Power Amplifier MMIC
FMM5820X EUDYNA-FMM5820X Datasheet
777Kb / 13P
   Ka-Band Power Amplifier MMIC
logo
TriQuint Semiconductor
TGA4516 TRIQUINT-TGA4516_15 Datasheet
183Kb / 9P
   Ka Band 2W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com