Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4018 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4018
Description  Data link communication protocol for the ST7580 power line
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4018 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4018 Datasheet HTML 7Page - STMicroelectronics AN4018 Datasheet HTML 8Page - STMicroelectronics AN4018 Datasheet HTML 9Page - STMicroelectronics AN4018 Datasheet HTML 10Page - STMicroelectronics AN4018 Datasheet HTML 11Page - STMicroelectronics AN4018 Datasheet HTML 12Page - STMicroelectronics AN4018 Datasheet HTML 13Page - STMicroelectronics AN4018 Datasheet HTML 14Page - STMicroelectronics AN4018 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
DocID022544 Rev 3
11/23
AN4018
Service description
Input parameters:
ModConfParam:
pointer to “MOD_ConfigTypedef” struct, this includes all modem
configuration parameters, this struct, all parameters and the valid parameter values are
described in the Appendix B.
ConfType:
type of change, valid values “PERMANENT”, “NOT_PERMANENT”.
Output parameters:
None.
Return value:
None.
Note:
This service doesn’t substitute Dl_Init. In fact, the Dl_Init must be performed at the system
initialization layer at all times.
If the parameter “ConfType” is “PERMANENT”, the new modem configuration value is
registered in the RAM and in the Flash memory and this is the new default value.
If the parameter “Confype” is “NOT_PERMANENT”, the new modem configuration value is
registered only in the RAM memory; at reset this modem configuration value is lost and the
system reloads the old default value.
4.2.2
Set MAC address
void DL_AddressSet(u8* NewAddress, CH_ADDR_TYPE AddType)
Description:
This service is used to set a new MAC address. At the first startup, the system gets a UID
MAC address, this is the UID of the microcontroller.This service can change this address
permanently or temporarily. If the service is used “temporarily” at the reset, the UID MAC
address is reloaded; if the service is used as “permanent”, the MAC address is changed
permanently.
Input parameters:
NewAddress: pointer to new address, (6-byte array)
AddType: type of change, valid value “PERMANENT”, “NOT_PERMANENT”
“AddType”.
Output parameters:
None.
Return value:
None.
Note:
If the parameter “AddType” is “PERMANENT”, the new address is registered in the RAM
and in the Flash memory, and this is the new default value. If the parameter “AddType” is
“NOT_PERMANENT”, the new address is registered in the RAM memory only; at reset this
address is lost and the system reloads the old default address.


Similar Part No. - AN4018

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AN4010 MA-COM-AN4010 Datasheet
49Kb / 2P
   Post-Processing Color Change of Rogers RO4000
logo
STMicroelectronics
AN4013 STMICROELECTRONICS-AN4013 Datasheet
519Kb / 37P
   The purpose of this document
AN4015 STMICROELECTRONICS-AN4015 Datasheet
2Mb / 22P
   Dual-BTL class-D audio amplifier demonstration board
AN4016 STMICROELECTRONICS-AN4016 Datasheet
986Kb / 17P
   2 kW PPA for ISM applications
More results

Similar Description - AN4018

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATPL360 MICROCHIP-ATPL360 Datasheet
297Kb / 2P
   Multi-Protocol Modem for Power Line Communication
8/17
logo
STMicroelectronics
X-NUCLEO-PLM01A1 STMICROELECTRONICS-X-NUCLEO-PLM01A1 Datasheet
551Kb / 6P
   Power line communication expansion board based on ST7580 for STM32 Nucleo
June 2017
AN4068 STMICROELECTRONICS-AN4068 Datasheet
5Mb / 63P
   ST7580 power line communication system-on-chip design guide
UM1518 STMICROELECTRONICS-UM1518 Datasheet
1Mb / 37P
   ST7580 power line modem demonstration kit
logo
Red Lion Controls. Inc
GMDN REDLION-GMDN Datasheet
473Kb / 2P
   DeviceNet Protocol Communication
GMCAN REDLION-GMCAN Datasheet
385Kb / 2P
   CAN Protocol Communication
GMPB REDLION-GMPB Datasheet
470Kb / 2P
   PROFIBUS Protocol Communication
GMJ1939 REDLION-GMJ1939 Datasheet
385Kb / 2P
   J1939 Protocol Communication
logo
Panasonic Semiconductor
SC-GU2-C PANASONIC-SC-GU2-C Datasheet
1Mb / 10P
   Communication Unit for CC-Link
logo
STMicroelectronics
EVALKITST7580-1 STMICROELECTRONICS-EVALKITST7580-1 Datasheet
136Kb / 4P
   ST7580 power line networking system-on-chip demonstration kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com