Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4111 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4111
Description  The STEVAL-ILL044V1 demonstration board showcases
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4111 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4111 Datasheet HTML 1Page - STMicroelectronics AN4111 Datasheet HTML 2Page - STMicroelectronics AN4111 Datasheet HTML 3Page - STMicroelectronics AN4111 Datasheet HTML 4Page - STMicroelectronics AN4111 Datasheet HTML 5Page - STMicroelectronics AN4111 Datasheet HTML 6Page - STMicroelectronics AN4111 Datasheet HTML 7Page - STMicroelectronics AN4111 Datasheet HTML 8Page - STMicroelectronics AN4111 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
June 2013
DocID023194 Rev4
1/17
AN4111
Application note
BAL-NRF01D3 matched balun with integrated harmonics filter for
Nordic Semiconductor ultralow power transceivers
Introduction
The nRF24LE1, nRF24AP2, nRF51422 and nRF51822 QFN from Nordic Semiconductor
are 2.45 GHz combo chips with an ultralow power transceiver.
The BAL-NRF01D3 from STMicroelectronics is an ultra miniature balun for which the
matching impedance has been customized for the nRF24LE1 QFN-32, nRF24AP2-1CH,
nRF24AP2-8CH, nRF51422-QFAA, and nRF51822-QFAA Nordic Semiconductor circuits.
The BAL-NRF01D3 integrates matching network and harmonics filters. It uses
STMicroelectronics’ IPD technology on non-conductive glass substrate which optimizes RF
performance.
Compared to traditional discrete solutions (Figure 3), STMicroelectronics BAL-NRF01D3
decreases the BOM count by 80%, from 5 components to 1 component (Figure 4). This
results in a lower system cost solution.
The BAL-NRF01D3 has been tested and approved by Nordic Semiconductor in the
nRF2723 nRFgo module (from the nRFgo nRF24LE1 QFN-32 pins development kit) and the
nRF2752 nRFgo module (from the nRFgo nRF51x22 Developer Preview kit). The
BAL-NRF01D3 demonstrates a higher system performance compared to traditional
solutions. This document presents the test and performance results.
www.st.com


Similar Part No. - AN4111

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4110 STMICROELECTRONICS-AN4110 Datasheet
1Mb / 18P
   Using the SPIRIT1 transceiver under EN 300 220 at 868 MHz
AN4112 STMICROELECTRONICS-AN4112 Datasheet
243Kb / 17P
   Using STM32F05xx analog comparators in application cases
AN4116 STMICROELECTRONICS-AN4116 Datasheet
3Mb / 38P
   This document describes a 12 V-350 mA power supply
logo
Fairchild Semiconductor
AN4116 FAIRCHILD-AN4116 Datasheet
251Kb / 12P
   A Fairchild Power Switch
logo
STMicroelectronics
AN4117 STMICROELECTRONICS-AN4117 Datasheet
1Mb / 22P
   Using the SPIRIT1 transceiver under EN 300 220 at 434 MHz
More results

Similar Description - AN4111

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3095 STMICROELECTRONICS-AN3095 Datasheet
3Mb / 55P
   The STEVAL-ISV002V2 demonstration board is the same
AN3412 STMICROELECTRONICS-AN3412 Datasheet
1,023Kb / 15P
   The STEVAL-CCA028V1 is a demonstration board designed
AN4127 STMICROELECTRONICS-AN4127 Datasheet
1Mb / 27P
   This document describes the STEVAL-SPBT3ATV3 demonstration board
UM1477 STMICROELECTRONICS-UM1477 Datasheet
1,013Kb / 22P
   The STEVAL-IFN004V1 is a demonstration board based
AN2684 STMICROELECTRONICS-AN2684 Datasheet
769Kb / 21P
   The STEVAL-IFP006V1 demonstration board has been developed
AN4128 STMICROELECTRONICS-AN4128 Datasheet
1Mb / 28P
   This document describes the STEVAL-SPBT4ATV3 demonstration board
AN4460 STMICROELECTRONICS-AN4460 Datasheet
1Mb / 54P
   The STEVAL-ILL057V1 demonstration board is a complete
AN4009 STMICROELECTRONICS-AN4009 Datasheet
1Mb / 23P
   The STEVAL-IFP019V1 demonstration board has been developed
AN3956 STMICROELECTRONICS-AN3956 Datasheet
1Mb / 14P
   The STEVAL-CCA029V1 is a demonstration board designed
AN4123 STMICROELECTRONICS-AN4123 Datasheet
995Kb / 17P
   The STEVAL-ISV015V1 is a demonstration board mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com