Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4511 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4511
Description  Common mode filters
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4511 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4511 Datasheet HTML 6Page - STMicroelectronics AN4511 Datasheet HTML 7Page - STMicroelectronics AN4511 Datasheet HTML 8Page - STMicroelectronics AN4511 Datasheet HTML 9Page - STMicroelectronics AN4511 Datasheet HTML 10Page - STMicroelectronics AN4511 Datasheet HTML 11Page - STMicroelectronics AN4511 Datasheet HTML 12Page - STMicroelectronics AN4511 Datasheet HTML 13Page - STMicroelectronics AN4511 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
The main parameters
AN4511
10/21
DocID026455 Rev 1
Two other parameters, defining the differential return losses of the filter are below indicated:
SDD11 and SDD22
These four characteristics, called mixed-mode S parameters, are calculated by S parameter
results of four-port measurements (see Figure 9).
Figure 9. CMF four-port measurements
Equations are below indicated:
SCC21=0.5 x (S21+S23+S41+S43)
SDD21=0.5 x (S21+S23+S41+S43)
SDD11=0.5 x (S11+S31+S13+S33)
SDD22=0.5 x (S22+S42+S24+S44)
Figure 10 shows the typical common mode rejection versus ECMF04-4HSM10 frequency.
In this curve, t the maximum rejection level of -32 dB is achieved at 900 MHz which is a
critical area in mobile applications.
Figure 10. Typical common mode rejection vs. frequency (ECMF04-4HSM10)
Other filters can be chosen according to the application. Figure 11 shows SCC21 response of
the device with USB3.0 filtering. The rejection range is wider, and a specific rejection point
at 5 GHz of -20 dB is implemented to eliminate this unwanted harmonic, which can disturb
some systems.


Similar Part No. - AN4511

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN451 SILABS-AN451 Datasheet
87Kb / 14P
   WIRELESS M-BUS SOFTWARE IMPLEMENTATION
logo
Freescale Semiconductor...
AN4515 FREESCALE-AN4515 Datasheet
8Mb / 2P
   Dual 6.0 m high-side switch
logo
STMicroelectronics
AN4515 STMICROELECTRONICS-AN4515 Datasheet
876Kb / 24P
   Maximizing power efficiency using STM32F411xx Batch Acquisition Mode
logo
Freescale Semiconductor...
AN4516 FREESCALE-AN4516 Datasheet
8Mb / 2P
   Dual 6.0 m high-side switch
AN4516 FREESCALE-AN4516 Datasheet
8Mb / 2P
   Dual 10 m high-side switch
More results

Similar Description - AN4511

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM2012H-900-2P-T00 TDK-ACM2012H-900-2P-T00 Datasheet
119Kb / 10P
   Common Mode Filters
ACM3225-102-2P TDK-ACM3225-102-2P Datasheet
184Kb / 9P
   Common Mode Filters
logo
SAMWHA ELECTRIC
CMV2012 SAMWHA-CMV2012 Datasheet
130Kb / 1P
   COMMON MODE FILTERS
logo
TDK Electronics
MCZ1210DH TDK-MCZ1210DH Datasheet
193Kb / 4P
   Common mode filters
MCZ1210CH TDK-MCZ1210CH Datasheet
171Kb / 4P
   Common mode filters
ACM2012 TDK-ACM2012_18 Datasheet
155Kb / 7P
   Common mode filters
logo
Central Technologies
CTDLP2012F CT-CTDLP2012F Datasheet
170Kb / 1P
   SMD Common Mode Filters
logo
TDK Electronics
ACT45B TDK-ACT45B Datasheet
32Kb / 1P
   Common Mode Filters SMD
logo
Frontier Electronics.
CFH2501 FRONTIER-CFH2501 Datasheet
98Kb / 1P
   Common Mode Line Filters
CFS28XX FRONTIER-CFS28XX Datasheet
115Kb / 1P
   Common Mode Line Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com