Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4540 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4540
Description  MHL link filtering and protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4540 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4540 Datasheet HTML 1Page - STMicroelectronics AN4540 Datasheet HTML 2Page - STMicroelectronics AN4540 Datasheet HTML 3Page - STMicroelectronics AN4540 Datasheet HTML 4Page - STMicroelectronics AN4540 Datasheet HTML 5Page - STMicroelectronics AN4540 Datasheet HTML 6Page - STMicroelectronics AN4540 Datasheet HTML 7Page - STMicroelectronics AN4540 Datasheet HTML 8Page - STMicroelectronics AN4540 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DocID026512 Rev 1
5/11
AN4540
Solutions offered by STMicroelectronics
11
2
Solutions offered by STMicroelectronics
The ECMF02-3HSM6 is a common mode filter including ESD protection (see Figure 4).
Figure 4. ECMF02-3HSM6 schematic
It complies with the MHL standard; its differential bandwidth fulfills the eye diagram template
up to MHL 2.0. Figure 5 shows an example at 3 Gbps.
Figure 5. MHL 2.0 eye diagram template, data rate 3 Gbps (1080 p/60 Hz)
This device offers a good common mode rejection. Figure 6 shows the spectral content
comparison between the standard common mode filter and the ECMF02-3HSM6 without
filtering. This device is placed on a differential link at 2.25 Gbps where the skew is present,
due to different trace lengths. The difference on the noise level in the frequency range (700
MHz to 1 GHz) goes up to 15 dB, which is not negligible when the designer has some
antenna desense issues in a mobile application.


Similar Part No. - AN4540

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4541 STMICROELECTRONICS-AN4541 Datasheet
1Mb / 21P
   high-speed SD card protection and filtering devices
AN4544 STMICROELECTRONICS-AN4544 Datasheet
2Mb / 35P
   IGBT datasheet tutorial
AN4545 STMICROELECTRONICS-AN4545 Datasheet
695Kb / 27P
   VL6180X basic ranging application note
AN4547 STMICROELECTRONICS-AN4547 Datasheet
151Kb / 6P
   Designers of STM32 microcontroller applications must have the possibility
More results

Similar Description - AN4540

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PF1714WLP15 KEC-PF1714WLP15 Datasheet
434Kb / 1P
   For EMI Filtering and ESD Protection.
PF1710WLP15 KEC-PF1710WLP15 Datasheet
434Kb / 1P
   For EMI Filtering and ESD Protection.
logo
Silicon image
SII9222 SILICONIMAGE-SII9222 Datasheet
136Kb / 2P
   Mobile High-Definition Link (MHL) Technology Transmitter
logo
STMicroelectronics
STEVAL-OET004V1 STMICROELECTRONICS-STEVAL-OET004V1 Datasheet
333Kb / 5P
   USB Type-C protection and filtering evaluation PCBs
December 2016 Rev 2
logo
Texas Instruments
TS3USB3031 TI1-TS3USB3031 Datasheet
699Kb / 19P
[Old version datasheet]   DUAL USB 2.0 HIGH-SPEED (480Mbps) AND MOBILE HIGH-DEFINITION LINK (MHL)
logo
STMicroelectronics
AN4541 STMICROELECTRONICS-AN4541 Datasheet
1Mb / 21P
   high-speed SD card protection and filtering devices
logo
Texas Instruments
TS3USB3000 TI-TS3USB3000 Datasheet
1Mb / 22P
[Old version datasheet]   DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch
logo
STMicroelectronics
EMIF06-MSD02C3 STMICROELECTRONICS-EMIF06-MSD02C3 Datasheet
613Kb / 11P
   Mini and micro-SD card IPAD??EMI filtering and ESD protection
logo
Fairchild Semiconductor
FSA3031 FAIRCHILD-FSA3031 Datasheet
1Mb / 3P
   Dual High-Speed USB2.0 with Mobile High-Definition Link (MHL??
logo
Silicon image
SII1292CNUC SILICONIMAGE-SII1292CNUC Datasheet
267Kb / 8P
   MHL Bridge and HDMI Monitor Receiver
2010-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com