Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN1200 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TN1200
Description  package description and recommendations for use
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1200 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TN1200 Datasheet HTML 5Page - STMicroelectronics TN1200 Datasheet HTML 6Page - STMicroelectronics TN1200 Datasheet HTML 7Page - STMicroelectronics TN1200 Datasheet HTML 8Page - STMicroelectronics TN1200 Datasheet HTML 9Page - STMicroelectronics TN1200 Datasheet HTML 10Page - STMicroelectronics TN1200 Datasheet HTML 11Page - STMicroelectronics TN1200 Datasheet HTML 12Page - STMicroelectronics TN1200 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DocID027277 Rev 1
9/16
TN1200
Recommended storage, shipping instructions and descriptions
16
4
Recommended storage, shipping instructions and
descriptions
Flip-Chip reels are packed under inert N2 atmosphere in a sealed bag. For shipment and
handling, reels are packed in a cardboard box.
STMicroelectronics thus recommends the following shipping and storage conditions:
Relative humidity between 15% and 70%
Temperature range from -55 °C to +150 °C
Components in a non opened sealed bag can be stored 6 months after shipment.
Components in tape and reel must be protected from exposure to direct sunlight.
Moisture sensitivity level (MSL as per JEDEC J-STD-020C) is not applicable to Flip-Chip
devices since there is no plastic encapsulation and so no risk of moisture absorption and
related possible package cracks.


Similar Part No. - TN1200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1201 STMICROELECTRONICS-TN1201 Datasheet
233Kb / 13P
   To ease the development of STM32 microcontroller applications
TN1204 STMICROELECTRONICS-TN1204 Datasheet
751Kb / 15P
   Tape and reel shipping media for STM32 microcontrollers in BGA packages
TN1205 STMICROELECTRONICS-TN1205 Datasheet
759Kb / 15P
   Tape and reel shipping media for STM8 and STM32 microcontrollers in FPN packages
TN1205H STMICROELECTRONICS-TN1205H Datasheet
128Kb / 10P
   High temperature 12 A SCRs
TN1205H-6G STMICROELECTRONICS-TN1205H-6G Datasheet
128Kb / 10P
   High temperature 12 A SCRs
More results

Similar Description - TN1200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1235 STMICROELECTRONICS-AN1235 Datasheet
257Kb / 14P
   package description and recommendations for use
AN4208 STMICROELECTRONICS-AN4208 Datasheet
288Kb / 16P
   package description and recommendations for use
AN2348 STMICROELECTRONICS-AN2348 Datasheet
267Kb / 17P
   package description and recommendations for use
TN1163 STMICROELECTRONICS-TN1163 Datasheet
651Kb / 21P
   Description of WLCSP for microcontrollers and recommendations for use
TN0991 STMICROELECTRONICS-TN0991 Datasheet
727Kb / 21P
   Description of WLCSP for STMicroelectronics EEPROMs and recommendations for use
TN1171 STMICROELECTRONICS-TN1171 Datasheet
580Kb / 26P
   Description of UFDFPN5, UFDFPN8 and WFDFPN8 for STMicroelectronics EEPROMs and recommendations for use
AN2639 STMICROELECTRONICS-AN2639 Datasheet
522Kb / 15P
   Soldering recommendations and package information for Lead-free ECOPACK microcontrollers
logo
Motorola, Inc
AN1580 MOTOROLA-AN1580 Datasheet
126Kb / 4P
   MOUNTING AND SOLDERING RECOMMENDATIONS FOR THE MOTOROLA POWER FLAT PACK PACKAGE
logo
Alpha & Omega Semicondu...
AO3410 AOSMD-AO3410 Datasheet
110Kb / 1P
   PACKAGE MARKING DESCRIPTION
AOTF472 AOSMD-AOTF472 Datasheet
117Kb / 1P
   PACKAGE MARKING DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com