Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN1200 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TN1200
Description  package description and recommendations for use
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1200 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TN1200 Datasheet HTML 7Page - STMicroelectronics TN1200 Datasheet HTML 8Page - STMicroelectronics TN1200 Datasheet HTML 9Page - STMicroelectronics TN1200 Datasheet HTML 10Page - STMicroelectronics TN1200 Datasheet HTML 11Page - STMicroelectronics TN1200 Datasheet HTML 12Page - STMicroelectronics TN1200 Datasheet HTML 13Page - STMicroelectronics TN1200 Datasheet HTML 14Page - STMicroelectronics TN1200 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DocID027277 Rev 1
11/16
TN1200
Soldering assembly recommendations
16
5.2
PCB assembly guidelines
For Flip Chip mounting on the PCB. Flip Chips are fully compatible with the use of near
eutectic 95.8% Sn, 3.5% Ag, 0.7% Cu solder paste with no-clean flux. ST's
recommendations for Flip-Chip board mounting are illustrated on the soldering reflow profile
shown in Figure 10.
Figure 10. ST ECOPACK® recommended soldering reflow profile for Flip-Chip
mounting on PCB (definitions)
Dwell time in the soldering zone (with temperature higher than 217 °C) has to be kept as
short as possible to prevent component and substrate damages. Peak temperature must
not exceed 260 °C. Controlled atmosphere (N2 or N2H2) is recommended during the whole
reflow, specially above 150 °C.
Flip Chips are able to withstand three times the previous recommended reflow profile to be
compatible with a double reflow when SMDs are mounted on both sides of the PCB plus
one additional repair.
A maximum of three soldering reflow are allowed for these lead-free packages (with repair
step included).
The use of a no-clean paste is highly recommended to avoid any cleaning operation. To
prevent any bump cracks, ultrasonic cleaning methods are not recommended.
Table 4. ST ECOPACK® recommended soldering reflow profile for Flip Chip mounting
on PCB (value)
Parameter
Probe
#1 PLCC 44
#2 PLCC 28
#3 SO-18
Positive temperature gradient °C/s
4.50
3.94
4.49
Time in positive gradient (min/sec)
00:17
00:13
00:16
Time from 150 to 200 °C (min/sec)
01:22
01:36
01:24
Time above 217 °C (min/sec)
02:05
01:50
02:05
Maximum temperature °C
244.0
239.9
243.6
Temperature difference °C
4.1
-
Negative temperature gradient °C/s
-3.46
-2.88
-3.97
250
0
50
100
150
200
240
210
180
150
120
90
60
30
300
270
-6°C/s
240-245 °C
2 - 3 °C/s
Temperature (°C)
-2 °C/s
-3 °C/s
Time (s)
0.9 °C/s
60 sec
(90 max)


Similar Part No. - TN1200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1201 STMICROELECTRONICS-TN1201 Datasheet
233Kb / 13P
   To ease the development of STM32 microcontroller applications
TN1204 STMICROELECTRONICS-TN1204 Datasheet
751Kb / 15P
   Tape and reel shipping media for STM32 microcontrollers in BGA packages
TN1205 STMICROELECTRONICS-TN1205 Datasheet
759Kb / 15P
   Tape and reel shipping media for STM8 and STM32 microcontrollers in FPN packages
TN1205H STMICROELECTRONICS-TN1205H Datasheet
128Kb / 10P
   High temperature 12 A SCRs
TN1205H-6G STMICROELECTRONICS-TN1205H-6G Datasheet
128Kb / 10P
   High temperature 12 A SCRs
More results

Similar Description - TN1200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1235 STMICROELECTRONICS-AN1235 Datasheet
257Kb / 14P
   package description and recommendations for use
AN4208 STMICROELECTRONICS-AN4208 Datasheet
288Kb / 16P
   package description and recommendations for use
AN2348 STMICROELECTRONICS-AN2348 Datasheet
267Kb / 17P
   package description and recommendations for use
TN1163 STMICROELECTRONICS-TN1163 Datasheet
651Kb / 21P
   Description of WLCSP for microcontrollers and recommendations for use
TN0991 STMICROELECTRONICS-TN0991 Datasheet
727Kb / 21P
   Description of WLCSP for STMicroelectronics EEPROMs and recommendations for use
TN1171 STMICROELECTRONICS-TN1171 Datasheet
580Kb / 26P
   Description of UFDFPN5, UFDFPN8 and WFDFPN8 for STMicroelectronics EEPROMs and recommendations for use
AN2639 STMICROELECTRONICS-AN2639 Datasheet
522Kb / 15P
   Soldering recommendations and package information for Lead-free ECOPACK microcontrollers
logo
Motorola, Inc
AN1580 MOTOROLA-AN1580 Datasheet
126Kb / 4P
   MOUNTING AND SOLDERING RECOMMENDATIONS FOR THE MOTOROLA POWER FLAT PACK PACKAGE
logo
Alpha & Omega Semicondu...
AO3410 AOSMD-AO3410 Datasheet
110Kb / 1P
   PACKAGE MARKING DESCRIPTION
AOTF472 AOSMD-AOTF472 Datasheet
117Kb / 1P
   PACKAGE MARKING DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com