Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAF2007(L) Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HAF2007(L)
Description  Silicon N Channel MOS FET Series Power Switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF2007(L) Datasheet(HTML) 5 Page - Renesas Technology Corp

  HAF2007(L)_15 Datasheet HTML 1Page - Renesas Technology Corp HAF2007(L)_15 Datasheet HTML 2Page - Renesas Technology Corp HAF2007(L)_15 Datasheet HTML 3Page - Renesas Technology Corp HAF2007(L)_15 Datasheet HTML 4Page - Renesas Technology Corp HAF2007(L)_15 Datasheet HTML 5Page - Renesas Technology Corp HAF2007(L)_15 Datasheet HTML 6Page - Renesas Technology Corp HAF2007(L)_15 Datasheet HTML 7Page - Renesas Technology Corp HAF2007(L)_15 Datasheet HTML 8Page - Renesas Technology Corp HAF2007(L)_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HAF2007(L), HAF2007(S)
Rev.4.00 Sep 07, 2005 page 3 of 8
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
ID1
4
A
VGS = 3.5 V, VDS = 2 V
Drain current
ID2
10
mA
VGS = 1.2 V, VDS = 2 V
Drain to source breakdown voltage
V (BR) DSS
60
V
ID = 10 mA, VGS = 0
V (BR) GSS
16
V
IG = 300
µA, VDS = 0
Gate to source breakdown voltage
V (BR) GSS
–2.5
V
IG = –100
µA, VDS = 0
IGSS1
100
µA
VGS = 8 V, VDS = 0
IGSS2
50
µA
VGS = 3.5 V, VDS = 0
IGSS3
1
µA
VGS = 1.2 V, VDS = 0
Gate to source leak current
IGSS4
–100
µA
VGS = –2.4 V, VDS = 0
IGS (op) 1
0.8
mA
VGS = 8 V, VDS = 0
Input current (shut down)
IGS (op) 2
0.35
mA
VGS = 3.5 V, VDS = 0
Zero gate voltage drain current
IDSS
10
µA
VDS = 60 V, VGS = 0
Gate to source cutoff voltage
VGS (off)
1.0
2.25
V
ID = 1 mA, VDS = 10 V
Forward transfer admittance
|yfs|
4
7.5
S
ID = 2.5 A, VDS = 10 V
Note 3
RDS (on)
73
120
m
ID = 2.5 A, VGS = 4 V
Note 3
Static drain to source on state resistance
RDS (on)
55
75
m
ID = 2.5 A, VGS = 10 V
Note 3
Output capacitance
Coss
270
pF
VDS = 10 V, VGS = 0
f = 1 MHz
Turn-on delay time
td (on)
2.8
µs
Rise time
tr
12.4
µs
Turn-off delay time
td (off)
15
µs
Fall time
tf
11
µs
ID = 2.5 A
VGS = 5 V
RL = 12
Body-drain diode forward voltage
VDF
0.9
V
IF = 5 A, VGS = 0
Body-drain diode reverse recovery time
trr
140
ns
IF = 5 A, VGS = 0
diF/dt = 50 A/
µs
tos1
1.1
ms
VGS = 5 V, VDD = 16 V
Over load shut down operation time
Note4
tos2
0.57
ms
VGS = 5 V, VDD = 24 V
Notes: 3. Pulse test
4. Including the junction temperature rise of the over loaded condition.


Similar Part No. - HAF2007(L)_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HAF2007 HITACHI-HAF2007 Datasheet
42Kb / 6P
   Silicon N Channel MOS FET Series Power Switching
logo
Renesas Technology Corp
HAF2007 RENESAS-HAF2007 Datasheet
95Kb / 9P
   Silicon N Channel MOSFET Series Power Switching
HAF2007-90L RENESAS-HAF2007-90L Datasheet
95Kb / 9P
   Silicon N Channel MOSFET Series Power Switching
HAF2007-90S RENESAS-HAF2007-90S Datasheet
95Kb / 9P
   Silicon N Channel MOSFET Series Power Switching
HAF2007-90STL RENESAS-HAF2007-90STL Datasheet
95Kb / 9P
   Silicon N Channel MOSFET Series Power Switching
More results

Similar Description - HAF2007(L)_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0610JSP RENESAS-RJF0610JSP_15 Datasheet
104Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
RJF0610JSP RENESAS-RJF0610JSP Datasheet
104Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
RJF0611JPD RENESAS-RJF0611JPD_15 Datasheet
95Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
logo
Hitachi Semiconductor
HAF2011 HITACHI-HAF2011 Datasheet
34Kb / 6P
   Silicon N Channel MOS FET Series Power Switching
logo
Renesas Technology Corp
RJF0605DPD RENESAS-RJF0605DPD Datasheet
95Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
RJF0611DPE RENESAS-RJF0611DPE Datasheet
95Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
RJF0605JPD RENESAS-RJF0605JPD Datasheet
63Kb / 4P
   Silicon N Channel MOS FET Series Power Switching
RJF0606JPE RENESAS-RJF0606JPE Datasheet
63Kb / 4P
   Silicon N Channel MOS FET Series Power Switching
RJF0610DSP RENESAS-RJF0610DSP_15 Datasheet
104Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
RJF0605DPD RENESAS-RJF0605DPD_15 Datasheet
95Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
logo
Hitachi Semiconductor
HAF2001 HITACHI-HAF2001 Datasheet
54Kb / 10P
   Silicon N Channel MOS FET Series Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com