Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF5762 Datasheet(PDF) 1 Page - Mercury United Electronics Inc

Part # HF5762
Description  Ultra Small SMD seam sealed clock crystal oscillator units.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERCURY [Mercury United Electronics Inc]
Direct Link  http://www.mercuryunited.com
Logo MERCURY - Mercury United Electronics Inc

HF5762 Datasheet(HTML) 1 Page - Mercury United Electronics Inc

  HF5762 Datasheet HTML 1Page - Mercury United Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Current Consumption
Aging
± 3 ppm per year (max.)
If non-standard , please enter the
45 mA max.
Frequency Stability over
± 25 ppm
± 50 ppm
Operating Temperature Range
desired stability after the " C " or " I "
Storage Temperature
- 50°C to 100°C
Start - Up Time (Ts)
10 m sec.( typical )
Mercury www .mercury-crystal.com
■Taiwan : (886)-2-2406-2779 / sales-tw@mercury-crystal.com ■U.S.A: (1)-909-466-0427 / sales-us@mercury-crystal.com ■China : (86)-512-5763-8100 / sales-cn@mecxtal.com
Fast Ethernet and Gigabit Ethernet clocks
Outline Dimensions
( Unit : mm )
Paramenters
Electrical Spec.
Input Voltage ( VDD)
0.9 V ( min. )
Output Logic Low " 0 "
0.1 V ( max. )
Frequency Range / Load
Output Wave Form
Duty Cycle
50% ± 10% [ 50% ± 5% is also available ]
Frequency Stability
(1) Codes
OC-3 , OC-12 , OC-48 and OC-192 clocks
CPU , Graphics , Multimedia A / V clocks
SONET / SDH / ATM clocks
CMOS output
Output Logic High " 1 "
General Specifications
Fibre channel and ADSL clocks
MPEG / DVD / HDTV clocks
NTSC / PAL encoder / decoder clocks
Laser engine pixel / set - top clocks
PLL / synthesizer clocks
2.5 V ± 5 %
Tri-state function available.
Applications
Ultra Small SMD seam sealed clock crystal oscillator units.
2.5 V
Oscillators Series [ For High Frequency ]
HF5762 series
SMD CMOS output
7.0 x 5.0 x 1.8 mm
-121
-120
Integrated Phase Noise ( 12 KHz to 20 MHz )
0.4 ps ( typical ) ; 0.5 ps ( max.)
Rise Time ( Tr ) / Fall Time ( Tf )
D
Industrial ( -40°C to +85°C )
Commercial ( -10°C to +70°C )
AB
" I20 " ± 20 ppm over -40°C to +85°C
± 100 ppm
For example :
" C20 " ±20 ppm over -10°C to +70°C ;
C
125.1 ~ 200.0 MHz [ 15pF load ]
125.1 ~ 320.0 MHz [ 10pF load ]
10 MHz
EF
Features
100 Hz
1K Hz 10 KHz 100KHz 1 MHz
Phase Noise ( typical ) [ 156.250 MHz ]
dBc / Hz
-65
Offset
10 Hz
-140
-95
0.7n sec.( typical ) [ 0.3 V ↔ 3.0V, 15 pF load ]
-120
-125


Similar Part No. - HF5762

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
HF5761 MERCURY-HF5761 Datasheet
118Kb / 1P
   Ultra Small SMD seam sealed clock crystal oscillator units.
More results

Similar Description - HF5762

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
HCK3261 MERCURY-HCK3261 Datasheet
124Kb / 1P
   Ultra Small SMD seam sealed clock crystal oscillator units.
HW5762 MERCURY-HW5762 Datasheet
115Kb / 1P
   Ultra Small SMD seam sealed clock crystal oscillator units.
HCK5761 MERCURY-HCK5761 Datasheet
129Kb / 1P
   Ultra Small SMD seam sealed clock crystal oscillator units.
logo
TXC Corporation.
AC-SERIES TXC-AC-SERIES Datasheet
1,005Kb / 1P
   Ultra small SMD seam sealed clock crystal oscillator units.
7X-SERIES TXC-7X-SERIES Datasheet
932Kb / 1P
   Ultra Small SMD seam sealed clock crystal oscillator units.
logo
Mercury United Electron...
HF57 MERCURY-HF57 Datasheet
118Kb / 1P
   Ultra Small SMD seam sealed clock crystal oscillator units.
HF5761 MERCURY-HF5761 Datasheet
118Kb / 1P
   Ultra Small SMD seam sealed clock crystal oscillator units.
HK53 MERCURY-HK53 Datasheet
86Kb / 1P
   Ultra Small SMD seam sealed clock crystal oscillator units.
HDW5361 MERCURY-HDW5361 Datasheet
119Kb / 1P
   Ultra Small SMD seam sealed clock crystal oscillator units.
HCK5361 MERCURY-HCK5361 Datasheet
121Kb / 1P
   Ultra Small SMD seam sealed clock crystal oscillator units.
HDF5761 MERCURY-HDF5761 Datasheet
126Kb / 1P
   Ultra Small SMD seam sealed clock crystal oscillator units.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com