Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHN8150 Datasheet(PDF) 2 Page - International Rectifier

Part # IRHN8150
Description  TRANSISTOR N-CHANNEL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHN8150 Datasheet(HTML) 2 Page - International Rectifier

  IRHN8150 Datasheet HTML 1Page - International Rectifier IRHN8150 Datasheet HTML 2Page - International Rectifier IRHN8150 Datasheet HTML 3Page - International Rectifier IRHN8150 Datasheet HTML 4Page - International Rectifier IRHN8150 Datasheet HTML 5Page - International Rectifier IRHN8150 Datasheet HTML 6Page - International Rectifier IRHN8150 Datasheet HTML 7Page - International Rectifier IRHN8150 Datasheet HTML 8Page - International Rectifier IRHN8150 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Thermal Resistance
Parameter
Min. Typ. Max. Units
Test Conditions
RthJC
Junction-to-Case
0.83
K/W
RthJ-PCB
Junction-to-PC board
TBD
soldered to a copper-clad PC board
Source-Drain Diode Ratings and Characteristics
Parameter
Min. Typ. Max. Units
Test Conditions
IS
Continuous Source Current (Body Diode)
34
Modified MOSFET symbol showing the
ISM
Pulse Source Current (Body Diode) Œ
136
integral reverse p-n junction rectifier.
VSD
Diode Forward Voltage
1.9
V
Tj = 25°C, IS = 34A, VGS = 0V 
t rr
Reverse Recovery Time
570
ns
Tj = 25°C, IF = 34A, di/dt ≤ 100A/µs
QRR
Reverse Recovery Charge
5.8
µCVDD ≤ 50V 
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min.
Typ. Max. Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
100
V
VGS = 0V, ID = 1.0 mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
0.13
V/°C
Reference to 25°C, ID = 1.0 mA
Voltage
RDS(on)
Static Drain-to-Source
0.055
VGS = 12V, ID = 21A
On-State Resistance
0.066
VGS = 12V, ID = 34A
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS, ID = 1.0 mA
gfs
Forward Transconductance
8.0
S ( )VDS ≥ 15V, IDS = 21A 
IDSS
Zero Gate Voltage Drain Current
25
VDS = 0.8 x Max Rating,VGS = 0V
250
VDS = 0.8 x Max Rating
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
Qg
Total Gate Charge
160
VGS =12V, ID = 34A
Qgs
Gate-to-Source Charge
35
VDS = Max. Rating x 0.5
Qgd
Gate-to-Drain (‘Miller’) Charge
65
td(on)
Turn-On Delay Time
45
VDD = 50V, ID = 34A,
tr
Rise Time
190
RG = 2.35Ω
td(off)
Turn-Off Delay Time
170
tf
Fall Time
130
LD
Internal Drain Inductance
0.8
LS
Internal Source Inductance
2.8
Ciss
Input Capacitance
4300
VGS = 0V, VDS = 25V
Coss
Output Capacitance
1200
f = 1.0 MHz
Crss
Reverse Transfer Capacitance
200
(see figure 22)
IRHN7150, IRHN8150 Devices
Pre-Radiation

µA
nC
pF
nH
ns
Measured from the
drain lead, 6mm (0.25
in.) from package to
center of die.
Measured from the
source lead, 6mm
(0.25 in.) from package
to source bonding pad.
Modified MOSFET
symbol showing the
internal inductances.
nA
A
(see figure 28)
(see figures 23 and 31)
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRHN8150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHN8150 IRF-IRHN8150 Datasheet
284Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
More results

Similar Description - IRHN8150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNA7260 IRF-IRHNA7260 Datasheet
161Kb / 4P
   TRANSISTOR N-CHANNEL
logo
Silan Microelectronics ...
SVF7N65T SILAN-SVF7N65T Datasheet
323Kb / 10P
   N-channel transistor
logo
Hi-Sincerity Mocroelect...
H2N7002 HSMC-H2N7002 Datasheet
65Kb / 4P
   N-CHANNEL TRANSISTOR
logo
International Rectifier
IRHNA7064 IRF-IRHNA7064 Datasheet
130Kb / 4P
   TRANSISTOR N-CHANNEL
IRHNA7160 IRF-IRHNA7160 Datasheet
161Kb / 4P
   TRANSISTOR N-CHANNEL
logo
Comchip Technology
2N7002 COMCHIP-2N7002 Datasheet
88Kb / 3P
   N-CHANNEL TRANSISTOR
logo
Hi-Sincerity Mocroelect...
H2N7002K HSMC-H2N7002K Datasheet
142Kb / 5P
   N-CHANNEL TRANSISTOR
H2N7002KSN HSMC-H2N7002KSN Datasheet
163Kb / 4P
   N-CHANNEL TRANSISTOR
logo
International Rectifier
IRHM7064 IRF-IRHM7064 Datasheet
121Kb / 4P
   TRANSISTOR N-CHANNEL
IRFV064 IRF-IRFV064 Datasheet
216Kb / 8P
   HEXFET TRANSISTOR, N-CHANNEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com