Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UD6007 Datasheet(PDF) 2 Page - Unitpower Technology Limited

Part # UD6007
Description  P-Ch 60V Fast Switching MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

UD6007 Datasheet(HTML) 2 Page - Unitpower Technology Limited

  UD6007 Datasheet HTML 1Page - Unitpower Technology Limited UD6007 Datasheet HTML 2Page - Unitpower Technology Limited UD6007 Datasheet HTML 3Page - Unitpower Technology Limited UD6007 Datasheet HTML 4Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
P-Ch 60V Fast Switching MOSFETs
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-60
---
---
V
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=-1mA
---
-0.021
---
V/℃
VGS=-10V , ID=-6A
---
140
170
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-4.5V , ID=-4A
---
175
215
m
Ω
VGS(th)
Gate Threshold Voltage
-1.0
-1.5
-2.5
V
VGS(th)
VGS(th) Temperature Coefficient
VGS=VDS , ID =-250uA
---
4.08
---
mV/℃
VDS=-48V , VGS=0V , TJ=25℃
---
---
1
IDSS
Drain-Source Leakage Current
VDS=-48V , VGS=0V , TJ=55℃
---
---
5
uA
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=-10V , ID=-6A
---
5.8
---
S
Qg
Total Gate Charge (-4.5V)
---
4.59
---
Qgs
Gate-Source Charge
---
1.39
---
Qgd
Gate-Drain Charge
VDS=-20V , VGS=-4.5V , ID=-6A
---
1.62
---
nC
Td(on)
Turn-On Delay Time
---
17.4
---
Tr
Rise Time
---
5.4
---
Td(off)
Turn-Off Delay Time
---
37.2
---
Tf
Fall Time
VDD=-15V , VGS=-10V , RG=3.3Ω,
ID=-1A
---
2.4
---
ns
Ciss
Input Capacitance
---
531
---
Coss
Output Capacitance
---
59
---
Crss
Reverse Transfer Capacitance
VDS=-15V , VGS=0V , f=1MHz
---
38
---
pF
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
EAS
Single Pulse Avalanche Energy
5
VDD=-25V , L=0.1mH , IAS=-10A
7.3
---
---
mJ
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,6
---
---
-8
A
ISM
Pulsed Source Current
2,6
VG=VD=0V , Force Current
---
---
-16
A
VSD
Diode Forward Voltage
2
VGS=0V , IS=-1A , TJ=25℃
---
---
-1.2
V
Note :
1.The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper.
2.The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3.The EAS data shows Max. rating . The test condition is VDD=-25V,VGS=-10V,L=0.1mH,IAS=-15.3A
4.The power dissipation is limited by 150℃ junction temperature
5.The Min. value is 100% EAS tested guarantee.
6.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Guaranteed Avalanche Characteristics
Diode Characteristics
UD6007


Similar Part No. - UD6007

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD6007 XINDEYI-UD6007 Datasheet
741Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
More results

Similar Description - UD6007

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
QM6015D UPI-QM6015D Datasheet
247Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
logo
ShenZhen XinDeYi Electr...
UD6015 XINDEYI-UD6015 Datasheet
725Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
UM6007 XINDEYI-UM6007 Datasheet
753Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
UB6015 XINDEYI-UB6015 Datasheet
708Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKL6107 FETEK-FKL6107 Datasheet
518Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
Ver : A
FKS6107 FETEK-FKS6107 Datasheet
580Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
Ver : A
logo
ShenZhen XinDeYi Electr...
UD6007 XINDEYI-UD6007 Datasheet
741Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
logo
uPI Group Inc.
QM6007K UPI-QM6007K Datasheet
237Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UD6015 UNITPOWER-UD6015 Datasheet
725Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKD6115 FETEK-FKD6115 Datasheet
498Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com